Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072ACDRG4 Datasheet(PDF) 34 Page - Texas Instruments

Part # TL072ACDRG4
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072ACDRG4 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TL072ACDRG4 Datasheet HTML 30Page - Texas Instruments TL072ACDRG4 Datasheet HTML 31Page - Texas Instruments TL072ACDRG4 Datasheet HTML 32Page - Texas Instruments TL072ACDRG4 Datasheet HTML 33Page - Texas Instruments TL072ACDRG4 Datasheet HTML 34Page - Texas Instruments TL072ACDRG4 Datasheet HTML 35Page - Texas Instruments TL072ACDRG4 Datasheet HTML 36Page - Texas Instruments TL072ACDRG4 Datasheet HTML 37Page - Texas Instruments TL072ACDRG4 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
9 Device and Documentation Support
9.1 Device Support
9.1.1 Device Nomenclature
Table 9-1. Device Nomenclature
PART NUMBER
DEFINITION
TL07xyzzzzzz
x is the channel count
If y = H, the die is manufactured on the latest flow (CSO: RFB).
Section 5.7 and Section 5.10 describe the performance of the new die.
If y ≠ H and y ≠ M, the die is manufactured on the legacy flow (CSO: SFAB) or the latest flow (CSO: RFB).
Section 5.8, Section 5.9, and Section 5.11 describe the performance of the original die.
Section 5.7 and Section 5.10 describe the performance of the new die.
If y = M, the device is specified for the extended temperature range of –55°C to +125°C. The die is
manufactured on the legacy flow (CSO:SFAB).
The letters and numbers represented by z are grade-out and package options described in Section 5.8 and
the Package Option Addendum at the end of this data sheet.
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision V (April 2023) to Revision W (July 2025)
Page
• Deleted references to trim function from all packages except PS (SO, 8) package...........................................1
• Changed Vn from 18nV/√Hz to 37nV/√Hz in Features ...................................................................................... 1
• Updated Device Information table to match Package Option Addendum ......................................................... 1
• Updated front page image to show which device uses the PS package only.................................................... 1
• Updated Pin Configuration and Functions to show that only PS package (PDIP, 8) has trim function...............3
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com