Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

876166313 Datasheet(PDF) 2 Page - AUER Signal GmbH

Part # 876166313
Description  LED steady/flashing beacon with buzzer indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

876166313 Datasheet(HTML) 2 Page - AUER Signal GmbH

  876166313 Datasheet HTML 1Page - AUER Signal GmbH 876166313 Datasheet HTML 2Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
245
QSS
Q-Series
Lens colour
Nominal voltage
Voltage range (V)
Nominal current (A)
Order number
orange
24 V AC/DC
+/- 10 %
0,140
876 161 405
110-120 V AC
+/- 10 %
0,120
876 161 310
230-240 V AC
+/- 10 %
0,110
876 161 313
red
24 V AC/DC
+/- 10 %
0,140
876 162 405
110-120 V AC
+/- 10 %
0,120
876 162 310
230-240 V AC
+/- 10 %
0,110
876 162 313
clear
24 V AC/DC
+/- 10 %
0,140
876 164 405
110-120 V AC
+/- 10 %
0,120
876 164 310
230-240 V AC
+/- 10 %
0,110
876 164 313
blue
24 V AC/DC
+/- 10 %
0,140
876 165 405
110-120 V AC
+/- 10 %
0,120
876 165 310
230-240 V AC
+/- 10 %
0,110
876 165 313
green
24 V AC/DC
+/- 10 %
0,140
876 166 405
110-120 V AC
+/- 10 %
0,120
876 166 310
230-240 V AC
+/- 10 %
0,110
876 166 313
yellow
24 V AC/DC
+/- 10 %
0,140
876 167 405
110-120 V AC
+/- 10 %
0,120
876 167 310
230-240 V AC
+/- 10 %
0,110
876 167 313
Orde r data
AMK
AB1
AG1
AKV
Type
Type of accessory
Weight
Order number
AMK
Mounting set for combining several pieces of signalling equipment of the same size
10 g
874 010 900
AB1
Mounting set for metal bracket for mounting in any direction (e.g. on mounting platforms)
874 031 900
AG1
Flat seal for installation on smooth surfaces
874 021 900
AKV
Cable gland M20x1,5
698 800 026
AW1
Stainless steel bracket
874 041 900
acceSSOrieS
tOn e table
E lEctron i c so u n d E r – b Eacon com b i nati on
Electronic
AW1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com