Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

876166313 Datasheet(PDF) 1 Page - AUER Signal GmbH

Part # 876166313
Description  LED steady/flashing beacon with buzzer indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUERSIGNAL [AUER Signal GmbH]
Direct Link  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

876166313 Datasheet(HTML) 1 Page - AUER Signal GmbH

  876166313 Datasheet HTML 1Page - AUER Signal GmbH 876166313 Datasheet HTML 2Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
244
Internal diffuser and special lens pattern
for optimal 360° signalling effect
• 94 mm cubic-design LED steady/flashing beacon with
built-in buzzer indicator
• Max. 80 dB (A) sound pressure
• High degree of protection IP 65 & impact resistance IK09
• UV-stabilised material
• Steady and flashing light, can be switched externally
• Beacon with good frontal/lateral signalling effect
• 30 cd luminous intensity
• For industrial and general applications
Housing
94 mm (square), Polycarbonate red, piezo buzzer black
Lens
Polycarbonate, ribbed inside orange, red, clear, blue,
green or yellow
Type of mounting
any, any
Connection technology Screw/plug-in terminal up to 2,5 mm²
Beacon type
Steady beacon or Flashing beacon
Light source
16 LEDs
Luminous intensity
30 Cd
Strobe/flash frequency 1,4 Hz
technical data
Tone
2 Tones, 2 Tones can be switched externally,
Steady tone or Pulsing tone
Volume
80 dB
Tone frequency
3.500 Hz
Duty cycle
100 %
Service life
Light source: 50.000 h
Operating temperature -30 °C / +60 °C
Degree of protection
IP65
Impact resistance
IK09
Weight
300 g
qSS
Q-Series
LED steady/flashing beacon with buzzer indicator
e lectron i c So u n d e r – b eacon com b i nati on


Similar Part No. - 876166313

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87616 MOLEX-87616 Datasheet
3Mb / 6P
PowerPlusTM (SSI) Expandable Power & Signal Connectors
87616-1001 MOLEX9-87616-1001 Datasheet
239Kb / 5P
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) MPS Receptacle, Through Hole, Right Angle, 0.76關m (30關) Gold (Au) Plating
More results

Similar Description - 876166313

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1922X00X CML-1922X00X Datasheet
342Kb / 1P
LED Indicator 14mm Standard Flashing
1922X35X CML-1922X35X Datasheet
408Kb / 1P
LED Indicator 14mm Standard Flashing
logo
PHOENIX CONTACT
2700115 PHOENIX-2700115 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700118 PHOENIX-2700118 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700124 PHOENIX-2700124 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700126 PHOENIX-2700126 Datasheet
139Kb / 5P
LED random flashing beacon element, 24 V DC
2700129 PHOENIX-2700129 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
2700130 PHOENIX-2700130 Datasheet
140Kb / 5P
LED random flashing beacon element, 24 V DC
2700134 PHOENIX-2700134 Datasheet
140Kb / 5P
LED flashing beacon element, 24혻V혻DC, double flash
logo
Schneider Electric
XVR3B03S SCHNEIDER-XVR3B03S Datasheet
158Kb / 5P
Harmony XVR, Illuminated beacon with buzzer, Harmony XVR, Illuminated beacon with buzzer, DC
May 24, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com