Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC20H12-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPSC20H12-Y
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPSC20H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 9Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Table 5. TO-220AC package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
ØI
3.75
3.85
0.147
0.151
STPSC20H12-Y
TO-220AC package information
DS11830 - Rev 4
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com