Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC20H12-Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC20H12-Y
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12-Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPSC20H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 9Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 10Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2.2
D²PAK package information
•
Epoxy meets UL94, V0.
•
Cooling method: by conduction (C)
Figure 10. D²PAK package outline
Table 6. D²PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A1
0.03
0.23
0.001
0.009
b
0.70
0.93
0.028
0.037
b2
1.14
1.70
0.045
0.067
c
0.45
0.60
0.018
0.024
c2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
7.50
7.75
8.00
0.295
0.305
0.315
D2
1.10
1.30
1.50
0.043
0.051
0.060
E
10
10.40
0.394
0.409
STPSC20H12-Y
D²PAK package information
DS11830 - Rev 4
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com