Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CD Datasheet(PDF) 28 Page - Texas Instruments

Part # TLC27M4CD
Description  LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27M4CD Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC27M4CD Datasheet HTML 24Page - Texas Instruments TLC27M4CD Datasheet HTML 25Page - Texas Instruments TLC27M4CD Datasheet HTML 26Page - Texas Instruments TLC27M4CD Datasheet HTML 27Page - Texas Instruments TLC27M4CD Datasheet HTML 28Page - Texas Instruments TLC27M4CD Datasheet HTML 29Page - Texas Instruments TLC27M4CD Datasheet HTML 30Page - Texas Instruments TLC27M4CD Datasheet HTML 31Page - Texas Instruments TLC27M4CD Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
0
38°
VDD – Supply Voltage – V
16
50°
2
4
6
8
10
12
14
40°
42°
44°
46°
48°
See Figure 3
TA = 25°C
CL = 20 pF
VI = 10 mV
– 75
35°
T –
A
Free-Air Temperature – C
°
125
45°
– 50
– 25
0
25
50
75
100
37°
39°
41°
43°
VDD = 5 V
VI = 10 mV
TA = 25°C
See Figure 3
Phase Shift
VDD = 10 V
RL = 100 kΩ
TA = 25°C
180°
0°
30°
60°
90°
120°
150°
106
105
10 4
103
102
101
1
100 k
10 k
1 k
100
10
0.1
1 M
f – Frequency – Hz
1
107
AVD
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (1)
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Figure 33.
PHASE MARGIN
PHASE MARGIN
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 34.
Figure 35.
(1)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
28
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com