Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CD Datasheet(PDF) 36 Page - Texas Instruments

Part # TLC27M4CD
Description  LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC27M4CD Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLC27M4CD Datasheet HTML 32Page - Texas Instruments TLC27M4CD Datasheet HTML 33Page - Texas Instruments TLC27M4CD Datasheet HTML 34Page - Texas Instruments TLC27M4CD Datasheet HTML 35Page - Texas Instruments TLC27M4CD Datasheet HTML 36Page - Texas Instruments TLC27M4CD Datasheet HTML 37Page - Texas Instruments TLC27M4CD Datasheet HTML 38Page - Texas Instruments TLC27M4CD Datasheet HTML 39Page - Texas Instruments TLC27M4CD Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
–
+
10 kΩ
TLC27M4
1/4
VO
100 kΩ
100 kΩ
0.1 μF
1 MΩ
0.22 μF
1 MΩ
VI
0.01 μF
5 V
–
+
VDD
V
1/4
O
TLC27M4
1 MΩ
33 pF
100 kΩ
1N4148
100 kΩ
NOTE: V
= 8 V to 16 V
DD
V = 5 V, 10 mA
O
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
Figure 48. Low-Power Voltage Regulator
Figure 49. Single-Rail AC Amplifier
36
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com