Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2170IDR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV2170IDR
Description  TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2170IDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2170IDR Datasheet HTML 10Page - Texas Instruments TLV2170IDR Datasheet HTML 11Page - Texas Instruments TLV2170IDR Datasheet HTML 12Page - Texas Instruments TLV2170IDR Datasheet HTML 13Page - Texas Instruments TLV2170IDR Datasheet HTML 14Page - Texas Instruments TLV2170IDR Datasheet HTML 15Page - Texas Instruments TLV2170IDR Datasheet HTML 16Page - Texas Instruments TLV2170IDR Datasheet HTML 17Page - Texas Instruments TLV2170IDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Temperature (q C)
-50
-30
-10
10
30
50
70
90
110
130
150
-30
-24
-18
-12
-6
0
6
12
18
24
30
D002
Short-Circuit Current, Source
Short-Circuit Current, Sink
0
2.5
5
7.5
10
12.5
15
1k
10k
100k
1M
10M
Frequency (Hz)
VS = ±5 V
VS = ±1.35 V
VS = ±15 V
Maximum output range without
slew−rate induced distortion
G035
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
100
Time ( s)
m
12-Bit Settling
( 1/2LSB = 0.012%)
±
±
90
80
70
60
50
40
30
20
10
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time ( s)
m
50
40
30
20
10
12-Bit Settling
( 1/2 LSB = 0.012%)
±
±
Time (50 s/div)
m
Time (50 s/div)
μ
14
TLV170, TLV2170, TLV4170
SBOS782A – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Product Folder Links: TLV170 TLV2170 TLV4170
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
G = +1, RL = 10 kΩ, CL = 10 pF
Figure 19. Large-Signal Step Response
G = –1, RL = 10 kΩ, CL = 10 pF
Figure 20. Large-Signal Step Response
10-V positive step, G = +1
Figure 21. Large-Signal Settling Time
10-V negative step, G = –1
Figure 22. Large-Signal Settling Time
Figure 23. Short-Circuit Current vs Temperature
Figure 24. Maximum Output Voltage vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com