Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2170IDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2170IDR
Description  TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2170IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV2170IDR Datasheet HTML 1Page - Texas Instruments TLV2170IDR Datasheet HTML 2Page - Texas Instruments TLV2170IDR Datasheet HTML 3Page - Texas Instruments TLV2170IDR Datasheet HTML 4Page - Texas Instruments TLV2170IDR Datasheet HTML 5Page - Texas Instruments TLV2170IDR Datasheet HTML 6Page - Texas Instruments TLV2170IDR Datasheet HTML 7Page - Texas Instruments TLV2170IDR Datasheet HTML 8Page - Texas Instruments TLV2170IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Package Footprint Comparison (to Scale)
Package Height
(to Scale)
Comparison
D (SO-8)
DBV (SOT23-5)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV170, TLV2170, TLV4170
SBOS782A – NOVEMBER 2016 – REVISED MAY 2018
TLVx170 36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for
Cost-Sensitive Systems
1
1 Features
1
•
Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
•
Low Noise: 22 nV/
√Hz
•
EMI-Hardened with RFI-Filtered Inputs
•
Input Range Includes the Negative Supply
•
Unity-Gain Stable: 200-pF Capacitive Load
•
Rail-to-Rail Output
•
Gain Bandwidth: 1.2 MHz
•
Low Quiescent Current: 125 µA per Amplifier
•
High Common-Mode Rejection: 110 dB
•
Low Bias Current: 10 pA (typical)
2 Applications
•
Currency Counters
•
AC-DC Converters
•
Tracking Amplifiers in Power Modules
•
Server Power Supplies
•
Inverters
•
Test Equipment
•
Battery-Powered Instruments
•
Transducer Amplifiers
•
Line Drivers or Line Receivers
Smallest Packaging for 36-V Operational
Amplifiers
3 Description
The TLVx170 family of electromagnetic interference
(EMI)-hardened,
36-V,
single-supply,
low-noise
operational amplifiers (op amps) have a THD+N of
0.0002% at 1 kHz and can operate on supplies that
range from 2.7 V (±1.35 V) to 36 V (±18V). These
features, along with low noise and very high power-
supply rejection ratio (PSRR), make the single-
channel TLV170, dual-channel TLV2170, and quad-
channel TLV4170 suitable for use in microvolt-level
signal amplification. The TLVx170 family of devices
also gives good offset, drift, and bandwidth with low
quiescent current.
Unlike most op amps that are specified at only one
supply voltage, the TLVx170 family of op amps is
specified from 2.7 V to 36 V with the ability to swing
input signals beyond the supply rails without phase
reversal. The TLVx170 family is also unity-gain stable
with a 200-pF capacitive load with a 1.2-MHz
bandwidth and a 0.4-V/μs slew rate for use in current-
to-voltage converters.
The device inputs can operate 100 mV below the
negative rail and within 2 V of the positive rail for
normal operation, and with full rail-to-rail input with
reduced performance. The TLVx170 devices are
specified from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV170
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV2170
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV4170
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV2170IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2170IDR TI1-TLV2170IDR Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2170IDR TI1-TLV2170IDR Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV2170IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com