Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV369 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV369
Description  TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV369 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV369 Datasheet HTML 3Page - Texas Instruments TLV369 Datasheet HTML 4Page - Texas Instruments TLV369 Datasheet HTML 5Page - Texas Instruments TLV369 Datasheet HTML 6Page - Texas Instruments TLV369 Datasheet HTML 7Page - Texas Instruments TLV369 Datasheet HTML 8Page - Texas Instruments TLV369 Datasheet HTML 9Page - Texas Instruments TLV369 Datasheet HTML 10Page - Texas Instruments TLV369 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
25
20
15
10
5
0
-5
-10
-15
-20
-25
Temperature (°C)
–75
100
125
–50
–25
0
25
50
75
R = 10 k
L
R = 10 k
L
120
100
80
60
40
20
0
Frequency (Hz)
10
10k
1k
100
20k
140
120
100
80
60
40
20
0
–20
Frequency (Hz)
0.001
100
1k
10
0.1
1
0.01
20k
10k
Phase
Gain
180
135
90
45
0
3
2.5
2
1.5
1
0.5
0
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
R = 10 k
L
R = 100 k
L
100
80
60
40
20
0
–20
–40
–60
–80
–100
Common-Mode Voltage (V)
Time (500 ms/div)
7
TLV369, TLV2369
www.ti.com
SBOS757 – MAY 2016
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
at TA = 25°C, VS = 5 V, and RL = 100 kΩ connected to VS / 2 (unless otherwise noted)
10 typical units shown, VS = 5 V
Figure 1. Normalized Offset Voltage vs
Common-Mode Voltage
Figure 2. 0.1-Hz to 10-Hz Noise
VS = 5.5 V
Figure 3. Open-Loop Gain and Phase vs Frequency
Figure 4. Open-Loop Gain vs Temperature
Figure 5. Common-Mode Rejection Ratio vs Frequency
Figure 6. Output Voltage Swing from Rail vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com