Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV369 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV369
Description  TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV369 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV369 Datasheet HTML 4Page - Texas Instruments TLV369 Datasheet HTML 5Page - Texas Instruments TLV369 Datasheet HTML 6Page - Texas Instruments TLV369 Datasheet HTML 7Page - Texas Instruments TLV369 Datasheet HTML 8Page - Texas Instruments TLV369 Datasheet HTML 9Page - Texas Instruments TLV369 Datasheet HTML 10Page - Texas Instruments TLV369 Datasheet HTML 11Page - Texas Instruments TLV369 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Time (100 s/div)
Time (250 s/div)
10G
1G
100k
10k
1k
100
10
Frequency (Hz)
0
1G
10
100
1k
10k
100k
20
18
16
14
12
10
8
6
4
2
0
Capacitive Load (pF)
10
100
G = 1
G = –1
–50
10k
1k
100
10
1
0.1
0.01
Temperature (°C)
125
–25
0
25
50
75
100
3
2.5
2
1.5
1
0.5
0
Frequency (Hz)
100
1k
2k
8
TLV369, TLV2369
SBOS757 – MAY 2016
www.ti.com
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, and RL = 100 kΩ connected to VS / 2 (unless otherwise noted)
Figure 7. Maximum Output Voltage vs Frequency
Figure 8. Input Bias Current vs Temperature
Figure 9. Open-Loop Output Impedance vs Frequency
Figure 10. Small-Signal Overshoot vs Capacitive Load
CL = 20 pF
Figure 11. Small-Signal Step Response
Figure 12. Large-Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com