Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV379IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV379IDBVT
Description  TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV379IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV379IDBVT Datasheet HTML 1Page - Texas Instruments TLV379IDBVT Datasheet HTML 2Page - Texas Instruments TLV379IDBVT Datasheet HTML 3Page - Texas Instruments TLV379IDBVT Datasheet HTML 4Page - Texas Instruments TLV379IDBVT Datasheet HTML 5Page - Texas Instruments TLV379IDBVT Datasheet HTML 6Page - Texas Instruments TLV379IDBVT Datasheet HTML 7Page - Texas Instruments TLV379IDBVT Datasheet HTML 8Page - Texas Instruments TLV379IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TLV379, TLV2379, TLV4379
SBOS785B – APRIL 2016 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information: TLV379 ................................... 7
7.5
Thermal Information: TLV2379 ................................. 7
7.6
Thermal Information: TLV4379 ................................. 7
7.7
Electrical Characteristics: VS = 1.8 V to 5.5 V .......... 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 13
9
Application and Implementation ........................ 14
9.1
Application Information............................................ 14
9.2
Typical Application ................................................. 14
9.3
System Examples ................................................... 15
10
Power Supply Recommendations ..................... 17
10.1
Input and ESD Protection ..................................... 17
11
Layout................................................................... 18
11.1
Layout Guidelines ................................................. 18
11.2
Layout Example .................................................... 18
12
Device and Documentation Support ................. 19
12.1
Documentation Support ....................................... 19
12.2
Related Links ........................................................ 19
12.3
Receiving Notification of Documentation Updates 19
12.4
Community Resources.......................................... 19
12.5
Trademarks ........................................................... 19
12.6
Electrostatic Discharge Caution ............................ 19
12.7
Glossary ................................................................ 19
13
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2016) to Revision B
Page
•
Added underscores to pin names in Pin Functions tables to match connection diagrams ................................................... 4
Changes from Original (April 2016) to Revision A
Page
•
Changed DBV pinout ............................................................................................................................................................. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com