Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV379IDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV379IDBVT
Description  TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV379IDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV379IDBVT Datasheet HTML 5Page - Texas Instruments TLV379IDBVT Datasheet HTML 6Page - Texas Instruments TLV379IDBVT Datasheet HTML 7Page - Texas Instruments TLV379IDBVT Datasheet HTML 8Page - Texas Instruments TLV379IDBVT Datasheet HTML 9Page - Texas Instruments TLV379IDBVT Datasheet HTML 10Page - Texas Instruments TLV379IDBVT Datasheet HTML 11Page - Texas Instruments TLV379IDBVT Datasheet HTML 12Page - Texas Instruments TLV379IDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
OffsetVoltage( V)
m
25
20
15
10
5
I
SC
-ISC
Supply Voltage (V)
1.5
2
3.5
2.5
3
4
4.5
5
5.5
2.5
2
1.5
1
0.5
0
-0.5
-1
-1.5
-2
-2.5
I
(mA)
OUT
0
1
2
3
4
5
6
7
8
9
10
125 C
°
85 C
°
25 C
°
-
°
40 C
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Frequency (Hz)
1k
10k
100k
120
100
80
60
40
20
0
Frequency(Hz)
0
-30
-60
-90
-120
-150
-180
0.1
1
1k
10
100
10k
100k
120
100
80
60
40
20
0
Frequency(Hz)
0.1
1
1k
10
100
10k
100k
+PSRR
CMRR
-PSRR
9
TLV379, TLV2379, TLV4379
www.ti.com
SBOS785B – APRIL 2016 – REVISED AUGUST 2017
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.8 Typical Characteristics
at TA = 25°C, VS = 5 V, and RL = 25 kΩ connected to VS / 2 (unless otherwise noted)
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Common-Mode and Power-Supply Rejection Ratio
vs Frequency
Figure 3. Maximum Output Voltage vs Frequency
VS = ±2.5 V
Figure 4. Output Voltage vs Output Current
Figure 5. Short-Circuit Current vs Supply Voltage
Figure 6. Offset Voltage Production Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com