Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV73333PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV73333PDBVT Datasheet HTML 1Page - Texas Instruments TLV73333PDBVT Datasheet HTML 2Page - Texas Instruments TLV73333PDBVT Datasheet HTML 3Page - Texas Instruments TLV73333PDBVT Datasheet HTML 4Page - Texas Instruments TLV73333PDBVT Datasheet HTML 5Page - Texas Instruments TLV73333PDBVT Datasheet HTML 6Page - Texas Instruments TLV73333PDBVT Datasheet HTML 7Page - Texas Instruments TLV73333PDBVT Datasheet HTML 8Page - Texas Instruments TLV73333PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
TLV733P
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 14
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Applications ............................................... 18
9
Power Supply Recommendations ...................... 20
10
Layout................................................................... 20
10.1
Layout Guidelines ................................................. 20
10.2
Layout Examples................................................... 20
11
Device and Documentation Support ................. 21
11.1
Device Support .................................................... 21
11.2
Documentation Support ........................................ 21
11.3
Receiving Notification of Documentation Updates 21
11.4
Community Resources.......................................... 21
11.5
Trademarks ........................................................... 21
11.6
Electrostatic Discharge Caution ............................ 21
11.7
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
Changes from Revision B (November 2015) to Revision C
Page
•
Changed description of EN pin from 0.9 V to VEN(HI) and from 0.35 V to VEN(LO) .................................................................. 4
•
Deleted typical specifications from VEN(HI) and VEN(LO) parameters ....................................................................................... 6
•
Added maximum specification to ILIM parameter ................................................................................................................... 6
•
Changed Shutdown and Output Enable title from Shutdown and changed first paragraph................................................. 14
•
Added DBV package to last paragraph of Power Dissipation section.................................................................................. 17
•
Added (3) to Device Nomenclature table ............................................................................................................................. 21
Changes from Revision A (December 2014) to Revision B
Page
•
Changed Low Dropout Feature bullet value from 122 mV to 125 mV to match value in Electrical Characteristics ............. 1
•
Changed VOUT labels on front page plot................................................................................................................................. 1
•
Changed min junction temperature value from –55 to –40 in Absolute Maximum Ratings table .......................................... 5
•
Changed max junction temperature value from 160 to 150 in Absolute Maximum Ratings table ........................................ 5
•
Changed max storage temperature value from 150 to 160 in Absolute Maximum Ratings table.......................................... 5
•
Added test condition to line regulation parameter in Electrical Characteristics table............................................................. 6
•
Changed unit for line regulation parameter from mV/V to mV ............................................................................................... 6
•
Added test condition to load regulation parameter in Electrical Characteristics table .......................................................... 6
Changes from Original (October 2014) to Revision A
Page
•
Changed top page header information for data sheet to reflect device family instead of individual devices......................... 1
•
Changed Input Voltage Range Features bullet to be first in list ............................................................................................. 1
•
Changed Typical Application Circuit on front page; corrected error in optional capacitor identification ................................ 1
•
Changed format of I/O column contents and order of packages in Pin Functions table ....................................................... 4
•
Moved storage temperature range specification to Absolute Maximum Ratings table ......................................................... 5
•
Changed Handling Ratings table title to ESD Ratings, updated table format ........................................................................ 5
•
Added new first row to the VDO parameter in the Electrical Characteristics table .................................................................. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com