Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV73333PDBVT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV73333PDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV73333PDBVT Datasheet HTML 1Page - Texas Instruments TLV73333PDBVT Datasheet HTML 2Page - Texas Instruments TLV73333PDBVT Datasheet HTML 3Page - Texas Instruments TLV73333PDBVT Datasheet HTML 4Page - Texas Instruments TLV73333PDBVT Datasheet HTML 5Page - Texas Instruments TLV73333PDBVT Datasheet HTML 6Page - Texas Instruments TLV73333PDBVT Datasheet HTML 7Page - Texas Instruments TLV73333PDBVT Datasheet HTML 8Page - Texas Instruments TLV73333PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
0
20
40
60
80
100
120
140
160
180
D020
VOUT = 3.3 V
VOUT = 1.8 V
TLV733
IN
EN
OUT
GND
COUT
CIN
Optional
Optional
ON
OFF
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV733P
SBVS235C – OCTOBER 2014 – REVISED JULY 2019
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
in 1-mm × 1-mm X2SON Package
1
1 Features
1
•
Input Voltage Range: 1.4 V to 5.5 V
•
Stable Operation With or Without Capacitors
•
Foldback Overcurrent Protection
•
Packages:
–
1.0-mm × 1.0-mm X2SON (4)
–
SOT-23 (5)
•
Very Low Dropout: 125 mV at 300 mA (3.3 VOUT)
•
Accuracy: 1% typical, 1.4% maximum
•
Low IQ: 34 µA
•
Available in Fixed-Output Voltages:
1.0 V to 3.3 V
•
High PSRR: 50 dB at 1 kHz
•
Active Output Discharge
2 Applications
•
Tablets
•
Smartphones
•
Notebook and Desktop Computers
•
Portable Industrial and Consumer Products
•
WLAN and Other PC Add-On Cards
•
Camera Modules
3 Description
The TLV733 series of low-dropout linear regulators
(LDOs) are ultra-small, low quiescent current LDOs
that can source 300 mA with good line and load
transient performance. These devices provide a
typical accuracy of 1%.
The TLV733 series is designed with a modern
capacitor-free architecture to ensure stability without
an input or output capacitor. The removal of the
output capacitor allows for a very small solution size,
and can eliminate inrush current at startup. However,
the TLV733 series is also stable with ceramic output
capacitors if an output capacitor is necessary. The
TLV733 also provides foldback current control during
device power-up and enabling if an output capacitor
is used. This functionality is especially important in
battery-operated devices.
The TLV733 provides an active pull-down circuit to
quickly discharge output loads when disabled.
The TLV733 series is available in standard DBV
(SOT-23) and DQN (X2SON) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV733P
SOT-23 (5)
2.90 mm × 1.60 mm
X2SON (4)
1.00 mm × 1.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application Circuit
Dropout Voltage vs Output Current


Similar Part No. - TLV73333PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV73333PDBVT TI1-TLV73333PDBVT Datasheet
1Mb / 34P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV73333PDBVT TI2-TLV73333PDBVT Datasheet
996Kb / 38P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
REVISED JULY 2019
TLV73333PDBVT.A TI2-TLV73333PDBVT.A Datasheet
996Kb / 38P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in 1-mm × 1-mm X2SON Package
REVISED JULY 2019
More results

Similar Description - TLV73333PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7163030PDPQT TI-TLV7163030PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A05 TI1-TPS7A05_18 Datasheet
3Mb / 40P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com