Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH2R02-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2R02-Y
Description  Automotive 200 V, 2 A ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2R02-Y Datasheet HTML 1Page - STMicroelectronics STTH2R02-Y Datasheet HTML 2Page - STMicroelectronics STTH2R02-Y Datasheet HTML 3Page - STMicroelectronics STTH2R02-Y Datasheet HTML 4Page - STMicroelectronics STTH2R02-Y Datasheet HTML 5Page - STMicroelectronics STTH2R02-Y Datasheet HTML 6Page - STMicroelectronics STTH2R02-Y Datasheet HTML 7Page - STMicroelectronics STTH2R02-Y Datasheet HTML 8Page - STMicroelectronics STTH2R02-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A
K
K
A
SMB
Features
•
AEC-Q101 qualified
•
Very low conduction losses
•
Negligible switching losses
•
Low forward and reverse recovery times
•
High junction temperature
•
PPAP capable
•
ECOPACK2 compliant
Applications
•
High frequency inverters
•
Freewheeling diode
•
Polarity protection
•
Reverse battery protection
Description
This 2 A, 200 V uses ST's 200 V planar Pt doping technology, and it is specially
suited for switching mode base drive and transistor circuits.
Product status
STTH2R02-Y
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
200 V
T j(max.)
175 °C
VF(typ.)
0.7 V
trr(typ.)
15 ns
Automotive 200 V, 2 A ultrafast recovery diode
STTH2R02-Y
Datasheet
DS6945 - Rev 3 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH2R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
More results

Similar Description - STTH2R02-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA200FA120P VISHAY-HFA200FA120P Datasheet
129Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 200 A
22-Jul-10
logo
STMicroelectronics
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
logo
Nell Semiconductor Co.,...
NKFD200-60 NELLSEMI-NKFD200-60 Datasheet
424Kb / 7P
FRED Ultrafast Soft Recovery Diode Module, 200 A
logo
Fairchild Semiconductor
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
10 A, 200 V, Ultrafast Diode
logo
STMicroelectronics
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH2R02AY STMICROELECTRONICS-STTH2R02AY Datasheet
177Kb / 9P
Automotive 200 V, 2 A ultrafast diode
Rev 1 - February 2021
logo
Vishay Siliconix
HFA200FA120P VISHAY-HFA200FA120P_V01 Datasheet
111Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 200 A
22-Jul-10
logo
STMicroelectronics
STTH802SFY STMICROELECTRONICS-STTH802SFY Datasheet
497Kb / 13P
Automotive 200 V ultrafast recovery diode
July 2018 Rev 1
STTH802SF STMICROELECTRONICS-STTH802SF Datasheet
341Kb / 10P
200 V ultrafast recovery diode
DS12649 - Rev 2 - July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com