Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH2R02-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2R02-Y
Description  Automotive 200 V, 2 A ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2R02-Y Datasheet HTML 1Page - STMicroelectronics STTH2R02-Y Datasheet HTML 2Page - STMicroelectronics STTH2R02-Y Datasheet HTML 3Page - STMicroelectronics STTH2R02-Y Datasheet HTML 4Page - STMicroelectronics STTH2R02-Y Datasheet HTML 5Page - STMicroelectronics STTH2R02-Y Datasheet HTML 6Page - STMicroelectronics STTH2R02-Y Datasheet HTML 7Page - STMicroelectronics STTH2R02-Y Datasheet HTML 8Page - STMicroelectronics STTH2R02-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Peak current versus duty cycle
IM(A)
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P = 2W
P = 2W
P = 1W
P = 1W
P = 5W
P = 5W
δ
T
δ = tp/T
tp
Figure 2. Average forward power dissipation versus
average forward current
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
PF(AV)(W)
IF(AV)(A)
= 0.05
= 0.2
= 0.1
= 0.
= 1
T
=tp/T
tp
Figure 3. Forward voltage drop versus forward current
(typical values)
0.01
0.10
1.00
10.00
100.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T j = 25 °C
T
j = 150 °C
I
F(A)
V
F(V)
Figure 4. Forward voltage drop versus forward current
(maximum values)
0.01
0.10
1.00
10.00
100.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T j = 25 °C
T
j = 150 °C
I
F(A)
V
F(V)
Figure 5. Relative variation of thermal impedance junction
to lead versus pulse duration (SMB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-l) / Rth(j-l)
t
p(s)
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
1
10
100
1000
C(pF)
F = 1 MHz
V
osc= 30 mVRMS
T
j = 25 °C
VR(V)
STTH2R02-Y
Characteristics (curves)
DS6945 - Rev 3
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com