Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR.A Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV6001UIDBVR.A
Description  TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6001UIDBVR.A Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV6001UIDBVR.A Datasheet HTML 11Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 12Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 13Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 14Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 15Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 16Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 17Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 18Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779D – JUNE 2016 – REVISED MAY 2017
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Operating Voltage
The TLV600x series is fully specified and tested from 1.8 V to 5.5 V (±0.9 V to ±2.75 V). Parameters that vary
with supply voltage are illustrated in the Typical Characteristics section.
8.3.2 Rail-to-Rail Input
The input common-mode voltage range of the TLV600x series extends 200 mV beyond the supply rails. This
performance is achieved with a complementary input stage: an N-channel input differential pair in parallel with a
P-channel differential pair, as shown in the Functional Block Diagram. The N-channel pair is active for input
voltages close to the positive rail, typically (V+) – 1.3 V to 200 mV above the positive supply, while the P-channel
pair is on for inputs from 200 mV below the negative supply to approximately (V+) – 1.3 V. There is a small
transition region, typically (V+) – 1.4 V to (V+) – 1.2 V, in which both pairs are on. This 200-mV transition region
may vary up to 300 mV with process variation. Thus, the transition region (both stages on) may range from
(V+) – 1.7 V to (V+) – 1.5 V on the low end, up to (V+) – 1.1 V to (V+) – 0.9 V on the high end. Within this
transition region, PSRR, CMRR, offset voltage, offset drift, and THD may be degraded compared to device
operation outside this region.
8.3.3 Rail-to-Rail Output
Designed as a micro-power, low-noise operational amplifier, the TLV600x delivers a robust output drive
capability. A class AB output stage with common-source transistors is used to achieve full rail-to-rail output swing
capability. For resistive loads up to 100 kΩ, the output swings typically to within 5 mV of either supply rail
regardless of the power-supply voltage applied. Different load conditions change the ability of the amplifier to
swing close to the rails, as shown in Figure 11.
8.3.4 Common-Mode Rejection Ratio (CMRR)
CMRR for the TLV600x is specified in several ways so the best match for a given application may be used; see
Electrical Characteristics. First, the CMRR of the device in the common-mode range below the transition region
[VCM < (V+) – 1.3 V] is given. This specification is the best indicator of the capability of the device when the
application requires the use of one of the differential input pairs. Second, the CMRR over the entire common-
mode range is specified at (VCM = –0.2 V to 5.7 V). This last value includes the variations seen through the
transition region, as shown in Figure 4.
8.3.5 Capacitive Load and Stability
The TLV600x is designed to be used in applications where driving a capacitive load is required. As with all op
amps, there may be specific instances where the TLV600x may become unstable. The particular op amp circuit
configuration, layout, gain, and output loading are some of the factors to consider when establishing whether or
not an amplifier is stable in operation. An op amp in the unity-gain (!~ +1-V/V) buffer configuration that drives a
capacitive load exhibits a greater tendency to be unstable than an amplifier operated at a higher noise gain. The
capacitive load, in conjunction with the op amp output resistance, creates a pole within the feedback loop that
degrades the phase margin. The degradation of the phase margin increases as the capacitive loading increases.
When operating in the unity-gain configuration, the TLV600x remains stable with a pure capacitive load up to
approximately 1 nF. The equivalent series resistance (ESR) of some capacitors (CL greater than 1 μF) is
sufficient to alter the phase characteristics in the feedback loop such that the amplifier remains stable. Increasing
the amplifier closed-loop gain allows the amplifier to drive increasingly larger capacitance. This increased
capability is evident when observing the overshoot response of the amplifier at higher voltage gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com