Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV6001UIDBVR.A
Description  TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6001UIDBVR.A Datasheet(HTML) 2 Page - Texas Instruments

  TLV6001UIDBVR.A Datasheet HTML 1Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 2Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 3Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 4Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 5Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 6Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 7Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 8Page - Texas Instruments TLV6001UIDBVR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
TLV6001, TLV6002, TLV6004
SBOS779D – JUNE 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information: TLV6001 ................................. 8
7.5
Thermal Information: TLV6002 ................................. 8
7.6
Thermal Information: TLV6004 ................................. 8
7.7
Electrical Characteristics: VS= 1.8 V to 5 V (±0.9 V to
±2.75 V)...................................................................... 9
7.8
Typical Characteristics: Table of Graphs ................ 10
7.9
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 16
8.5
Input and ESD Protection ....................................... 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
9.3
System Examples .................................................. 18
10
Power Supply Recommendations ..................... 19
11
Layout................................................................... 20
11.1
Layout Guidelines ................................................. 20
11.2
Layout Example .................................................... 20
12
Device and Documentation Support ................. 21
12.1
Documentation Support ........................................ 21
12.2
Related Links ........................................................ 21
12.3
Receiving Notification of Documentation Updates 21
12.4
Community Resources.......................................... 21
12.5
Trademarks ........................................................... 21
12.6
Electrostatic Discharge Caution ............................ 21
12.7
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
Changes from Revision C (December 2016) to Revision D
Page
Changed inverting input pin to noninverting input pin in Pin Functions: TLV6001 table ....................................................... 3
Changed inverting input pin to noninverting input pin in Pin Functions: TLV6001R table .................................................... 4
Changed inverting input pin to noninverting input pin in Pin Functions: TLV6001U table .................................................... 4
Changed "Sample and Buy" to "Order Now" in Related Links table ................................................................................... 21
Changes from Revision B (October 2016) to Revision C
Page
Changed all pin outs in Pin Configuration and Functions section to reflect correct pin names and order............................. 3
Changes from Revision A (July 2016) to Revision B
Page
Added TLV6001R pinout drawing to Pin Configurations and Functions section ................................................................... 4
Added TLV6001U pinout drawing to Pin Configurations and Functions section ................................................................... 4
Changes from Original (June 2016) to Revision A
Page
Changed Product Status from Product Preview to Production Data ..................................................................................... 1
Changed formatting of the Related Documentation section. ............................................................................................... 21
Changed wording of the Receiving Notification of Documentation Updates section ........................................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com