Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2372IP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV2372IP
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2372IP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2372IP Datasheet HTML 16Page - Texas Instruments TLV2372IP Datasheet HTML 17Page - Texas Instruments TLV2372IP Datasheet HTML 18Page - Texas Instruments TLV2372IP Datasheet HTML 19Page - Texas Instruments TLV2372IP Datasheet HTML 20Page - Texas Instruments TLV2372IP Datasheet HTML 21Page - Texas Instruments TLV2372IP Datasheet HTML 22Page - Texas Instruments TLV2372IP Datasheet HTML 23Page - Texas Instruments TLV2372IP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Supply Voltage (V)
50
45
40
35
30
25
20
15
10
5
0
T = 125 C
A
°
T = 70 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = 40 C
A
-
°
SHDN = 0 V
V = V
/2
A = 1
I
DD
V
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Shutdown Pin Voltage (V)
250
200
150
100
50
0
T = 125 C
A
°
10
100
1 k
10 k
100 k
Frequency (Hz)
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
V
= 2.7 V, 5 V, 15 V
DD
A = 1
R = 2 k
T = 25 C
V
L
A
W
V = V
/2
I
DD
°
Crosstalk in Shutdown
Crosstalk
10
100
1 k
10 k
100 k
1 M
10 M
Frequency (Hz)
160
140
120
100
80
60
40
20
0
V
= 2.7 V, 5 V, 15 V
V = V
/2
DD
I
DD
A = 1
T = 25 C
V
A
R = 2 k
C = 10 pF
L
L
W
°
0
2
4
6
8
10
12
14
16
Time ( s)
m
9
6
3
0
9
6
3
0
V
= 15 V
V = 9 V
DD
I
PP
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
-
W
°
V
I
V
O
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time ( s)
m
0.05
0.1
0
0.1
0.05
0
V
O
V
I
V
= 5 V
V = 100 mV
DD
I
PP
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
-
W
°
20
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Figure 26. Inverting Large-Signal Response
Figure 27. Inverting Small-Signal Response
Figure 28. Crosstalk vs Frequency
Figure 29. Shutdown Forward and Reverse Isolation vs
Frequency
Figure 30. Shutdown Supply Current vs Supply Voltage
Figure 31. Shutdown Pin Leakage Current vs Shutdown
Pin Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com