Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2372IP Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV2372IP
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2372IP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV2372IP Datasheet HTML 24Page - Texas Instruments TLV2372IP Datasheet HTML 25Page - Texas Instruments TLV2372IP Datasheet HTML 26Page - Texas Instruments TLV2372IP Datasheet HTML 27Page - Texas Instruments TLV2372IP Datasheet HTML 28Page - Texas Instruments TLV2372IP Datasheet HTML 29Page - Texas Instruments TLV2372IP Datasheet HTML 30Page - Texas Instruments TLV2372IP Datasheet HTML 31Page - Texas Instruments TLV2372IP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
-
55 -40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature ( C)
°
2
1.75
1.5
1.25
1
0.75
0.5
0.25
0
SOT-23 Package
Low-K Test PCB
= 324
q
JA
°
C/W
SOIC Package
Low-K Test PCB
= 176
q
JA
°
C/W
PDIP Package
Low-K Test PCB
= 104
q
JA
°
C/W
MSOP Package
Low-K Test PCB
= 260
q
JA
°
C/W
T = 150 C
J
°
P
=
D
T
T
MAX
A
JA
-
q
N/C
–IN
+IN
V–
N/C
V+
OUTPUT
N/C
Use low-ESR, ceramic
bypass capacitor
GND
VS+
Run the input traces
as far away from
the supply lines
as possible
Place components
close to device and
to eachother to
reduce parasitic
errors
GND
VIN
RF
GND
RG
Use low-ESR,
ceramic bypass
capacitor
VS–
VOUT
Copyright © 2016, Texas Instruments Incorporated
28
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Layout Example (continued)
Figure 41. Operational Amplifier Board Layout for Noninverting Configuration
11.3 Power Dissipation Considerations
For a given θJA, the maximum power dissipation is shown in Figure 42 and is calculated by Equation 4:
where
•
PD = Maximum power dissipation of TLV237x IC (watts)
•
TMAX = Absolute maximum junction temperature (150°C)
•
TA = Free-ambient air temperature (°C)
•
θJA = θJC (Thermal coefficient from junction to case) + θCA (Thermal coefficient from case to ambient air (°C/W))
(4)
Results are with no air flow and using JEDEC Standard Low-K test PCB.
Figure 42. Maximum Power Dissipation vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com