Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2374IPWR
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2374IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2374IPWR Datasheet HTML 17Page - Texas Instruments TLV2374IPWR Datasheet HTML 18Page - Texas Instruments TLV2374IPWR Datasheet HTML 19Page - Texas Instruments TLV2374IPWR Datasheet HTML 20Page - Texas Instruments TLV2374IPWR Datasheet HTML 21Page - Texas Instruments TLV2374IPWR Datasheet HTML 22Page - Texas Instruments TLV2374IPWR Datasheet HTML 23Page - Texas Instruments TLV2374IPWR Datasheet HTML 24Page - Texas Instruments TLV2374IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
-40 -20
0
20
40
60
80
100 120 140 160 180
Time ( s)
m
10
8
6
4
2
0
1
0.75
0.5
0.25
0
0.25
-
7.5
6
4.5
3
1.5
0
1.5
-
V
= 15 V
V =
DD
I
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
W
V
/2
DD
°
V
O
SHDN
I
DD(
= 0)
SHDN
-2
-1
0
1
2
3
4
5
6
7
8
9
10
Time ( s)
m
6
5
4
3
2
1
0
1
0.75
0.5
0.25
0
0.25
-
2.5
2
1.5
1
0.5
0
0.5
1
-
-
V
O
V
= 5 V
V = V
/2
DD
I
DD
A = 1
R = 2 k
C = 10 pF
T = 25 C
V
L
L
A
W
°
SHDN
I
DD(
= 0)
SHDN
21
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Figure 32. Shutdown Supply Current and Output Voltage
vs Time
Figure 33. Shutdown Supply Current/output Voltage vs
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com