Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV2374IPWR
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2374IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2374IPWR Datasheet HTML 4Page - Texas Instruments TLV2374IPWR Datasheet HTML 5Page - Texas Instruments TLV2374IPWR Datasheet HTML 6Page - Texas Instruments TLV2374IPWR Datasheet HTML 7Page - Texas Instruments TLV2374IPWR Datasheet HTML 8Page - Texas Instruments TLV2374IPWR Datasheet HTML 9Page - Texas Instruments TLV2374IPWR Datasheet HTML 10Page - Texas Instruments TLV2374IPWR Datasheet HTML 11Page - Texas Instruments TLV2374IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, VDD
(2)
16.5
V
Differential input voltage, VID
–VDD
VDD
Input voltage, VI
(2)
–0.2
VDD + 0.2
Current
Input current, IIN
–10
10
mA
Output current, IO
–100
100
Temperature
Operating free-air temperature, TA: I-suffix
–40
125
°C
Maximum junction temperature, TJ
150
Storage temperature, Tstg
–65
150
7.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Supply voltage, VDD
Single supply
2.7
16
V
Split supply
±1.35
±8
Common-mode input voltage, VCM
0
VDD
V
Operating free-air temperature, TA
I-suffix
–40
125
°C
Turnon voltage (shutdown pin voltage level), V(ON), relative to GND pin voltage
2
V
Turnoff (shutdown pin voltage level), V(OFF), relative to GND pin voltage
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com