Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV75715PDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV75715PDBVR
Description  TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV75715PDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV75715PDBVR Datasheet HTML 4Page - Texas Instruments TLV75715PDBVR Datasheet HTML 5Page - Texas Instruments TLV75715PDBVR Datasheet HTML 6Page - Texas Instruments TLV75715PDBVR Datasheet HTML 7Page - Texas Instruments TLV75715PDBVR Datasheet HTML 8Page - Texas Instruments TLV75715PDBVR Datasheet HTML 9Page - Texas Instruments TLV75715PDBVR Datasheet HTML 10Page - Texas Instruments TLV75715PDBVR Datasheet HTML 11Page - Texas Instruments TLV75715PDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
5.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 0.5V or 1.45V (whichever is greater), IOUT = 1mA, VEN = VIN, and CIN
= COUT = 1µF (unless otherwise noted)
Output Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
40
60
80
100
120
140
160
180
200
220
IOUT = 1A, COUT = 1µF, VRMS BW = 10Hz to 100kHz
Figure 5-7. Output Noise Voltage vs VOUT
Time (ms)
0
20
40
50
0
3.28
1
3.288
2
3.296
3
3.304
4
3.312
5
3.32
6
3.328
VIN
VOUT
VOUT = 3.3V, COUT = 1µF, VIN slew rate = 1V/µs
Figure 5-8. Line Transient
Time (Ps)
0
20
40
60
80
100
120
140
160
180
200
-350
0
-300
0.2
-250
0.4
-200
0.6
-150
0.8
-100
1
-50
1.2
0
1.4
50
1.6
100
1.8
150
2
200
2.2
VOUT
IOUT
VIN = 5V, VOUT = 3.3V, COUT = 1µF, IOUT slew rate = 1A/µs
Figure 5-9. 3.3V, 1mA to 1A Load Transient
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
VIN
VOUT
Figure 5-10. VIN = VEN Power-Up
Time (ms)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
VIN
VOUT
Figure 5-11. VIN = VEN Shutdown
Time (ms)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0
1
25
2
50
3
75
4
100
5
125
6
150
7
175
VOUT
VIN
VEN
IOUT
VIN = 5V, IOUT = 100mA, VEN slew rate = 1V/µs, VOUT = 3.3V
Figure 5-12. EN Start-Up
TLV757P
SBVS322C – OCTOBER 2017 – REVISED MARCH 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV757P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com