Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9102IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9102IDDFR
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9102IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9102IDDFR Datasheet HTML 9Page - Texas Instruments TLV9102IDDFR Datasheet HTML 10Page - Texas Instruments TLV9102IDDFR Datasheet HTML 11Page - Texas Instruments TLV9102IDDFR Datasheet HTML 12Page - Texas Instruments TLV9102IDDFR Datasheet HTML 13Page - Texas Instruments TLV9102IDDFR Datasheet HTML 14Page - Texas Instruments TLV9102IDDFR Datasheet HTML 15Page - Texas Instruments TLV9102IDDFR Datasheet HTML 16Page - Texas Instruments TLV9102IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
6.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 16 V (±1.35 V to ±8 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VO UT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 16 V, VCM = V–
(V–) + 0.1 V < VO < (V+) – 0.1 V
TA = –40°C to 125°C
115
135
dB
VS = 4 V, VCM = V–
(V–) + 0.1 V < VO < (V+) – 0.1 V
104
125
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1.1
MHz
SR
Slew rate
VS = 16 V, G = +1, CL = 20 pF
4.5
V/µs
tS
Settling time
To 0.1%, VS = 16 V, VSTEP = 10 V, G = +1, CL = 20 pF
4
µs
To 0.1%, VS = 16 V, VSTEP = 2 V, G = +1, CL = 20 pF
2
To 0.01%, VS = 16 V, VSTEP = 10 V, G = +1, CL = 20 pF
5
To 0.01%, VS = 16 V, VSTEP = 2 V, G = +1, CL = 20 pF
3
Phase margin
G = +1, RL = 10 kΩ, CL = 20 pF
60
°
Overload recovery time
VIN × gain > VS
600
ns
THD+N
Total harmonic distortion +
noise
VS = 16 V, VO = 1 VRMS, G = -1, f = 1 kHz
0.0028%
OUTPUT
Voltage output swing from rail
Positive and negative rail
headroom
VS = 16 V, RL = no load
3
mV
VS = 16 V, RL = 10 kΩ
45
60
VS = 16 V, RL = 2 kΩ
200
300
VS = 2.7 V, RL = no load
1
VS = 2.7 V, RL = 10 kΩ
5
20
VS = 2.7 V, RL = 2 kΩ
25
50
ISC
Short-circuit current
±80
mA
CLOAD
Capacitive load drive
See Small-Signal Overshoot vs Capacitive Load in the Typical
Characteristics section
ZO
Open-loop output impedance
f = 1 MHz, IO = 0 A
600
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier IO = 0 A
115
150
µA
TA = –40°C to 125°C
160
www.ti.com
TLV9101, TLV9102, TLV9104
SBOS943E – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9101 TLV9102 TLV9104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com