Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9001UIDBVR.A Datasheet(PDF) 67 Page - Texas Instruments

Part # TLV9001UIDBVR.A
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9001UIDBVR.A Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLV9001UIDBVR.A Datasheet HTML 63Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 64Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 65Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 66Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 67Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 68Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 69Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 70Page - Texas Instruments TLV9001UIDBVR.A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
www.ti.com
PACKAGE OUTLINE
1.6
1.4
2.1
1.9
0.40
0.34
0.05
0.00
2X 1.5
6X 0.5
10X
0.45
0.35
4X
0.25
0.15
2X
0.35
0.25
4X
0.3
0.2
0.1 MIN
SIDE WALL
WETTABLE FLANK
(0.127) TYP
X2QFN - 0.4 mm max height
RUG0010B
PLASTIC QUAD FLATPACK - NO LEAD
4220582/B 05/2025
0.05 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Minimum 0.1 mm solder wetting on pin side wall. Available for wettable flank version only.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.1)
SYMM
SYMM
1
4
5
6
9
10
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
SCALE 7.500
50.000
OPTIONAL: SIDE WALL PIN DETAIL
NOTE 3
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com