Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9052IDDFRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV9052IDDFRG4
Description  TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9052IDDFRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV9052IDDFRG4 Datasheet HTML 1Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 2Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 3Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 4Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 5Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 6Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 7Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 8Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 9
6.1 Absolute Maximum Ratings........................................ 9
6.2 ESD Ratings............................................................... 9
6.3 Recommended Operating Conditions.........................9
6.4 Thermal Information for Single Channel..................... 9
6.5 Thermal Information for Dual Channel......................10
6.6 Thermal Information for Quad Channel.................... 10
6.7 Electrical Characteristics: VS (Total Supply
Voltage) = (V+) – (V–) = 1.8 V to 5.5 V........................11
6.8 Typical Characteristics.............................................. 13
7 Detailed Description......................................................20
7.1 Overview................................................................... 20
7.2 Functional Block Diagram......................................... 20
7.3 Feature Description...................................................21
7.4 Device Functional Modes..........................................24
8 Application and Implementation.................................. 25
8.1 Application Information............................................. 25
8.2 Typical Low-Side Current Sense Application............ 25
8.3 Power Supply Recommendations.............................27
8.4 Layout....................................................................... 27
9 Device and Documentation Support............................29
9.1 Documentation Support............................................ 29
9.2 Receiving Notification of Documentation Updates....29
9.3 Support Resources................................................... 29
9.4 Trademarks...............................................................29
9.5 Electrostatic Discharge Caution................................29
9.6 Glossary....................................................................29
10 Revision History.......................................................... 29
11 Mechanical, Packaging, and Orderable
Information.................................................................... 30
4 Device Comparison Table
DEVICE
NO. OF
CH.
PACKAGE LEADS
SC70
DCK
SOT-23
DBV
SOT-553
(1)
DRL
X2SON
DPW
SOIC
D
WSON
DSG
VSSOP
DGK
TSSOP
PW
SOT-23
DDF
VSSOP
DGS
X2QFN
RUG
X2QFN
RUC
WQFN
RTE
TLV9051
1
5
5
5
5
—
—
—
—
—
—
—
—
—
TLV9051S
—
6
—
—
—
—
—
—
—
—
—
—
—
TLV9052
2
—
—
—
—
8
8
8
8
8
—
—
—
—
TLV9052S
—
—
—
—
—
—
—
—
—
10
10
—
—
TLV9054
4
—
—
—
—
14
—
—
14
—
—
—
14
16
TLV9054S
—
—
—
—
—
—
—
—
—
—
—
—
16
(1)
Package is for preview only.
TLV9051, TLV9052, TLV9054
SBOS942J – AUGUST 2018 – REVISED FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9051 TLV9052 TLV9054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com