Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9052IDDFRG4 Datasheet(PDF) 32 Page - Texas Instruments

Part # TLV9052IDDFRG4
Description  TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9052IDDFRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV9052IDDFRG4 Datasheet HTML 28Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 29Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 30Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 31Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 32Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 33Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 34Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 35Page - Texas Instruments TLV9052IDDFRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Nov-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TLV9052SIDGSR
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
T052
TLV9052SIDGSR.A
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
T052
TLV9052SIRUGR
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
FPF
TLV9052SIRUGR.A
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
FPF
TLV9054IDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TLV9054D
TLV9054IDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TLV9054D
TLV9054IDRG4
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TLV9054D
TLV9054IDRG4.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TLV9054D
TLV9054IPWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
(T9054PW, TLV9054)
TLV9054IPWR.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
(T9054PW, TLV9054)
TLV9054IRTER
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T54RT
TLV9054IRTER.A
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T54RT
TLV9054IRUCR
Active
Production
QFN (RUC) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1FF
TLV9054IRUCR.A
Active
Production
QFN (RUC) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1FF
TLV9054SIRTER
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T9054S
TLV9054SIRTER.A
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T9054S
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com