Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV9042IPWR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9042IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9042IPWR Datasheet HTML 17Page - Texas Instruments TLV9042IPWR Datasheet HTML 18Page - Texas Instruments TLV9042IPWR Datasheet HTML 19Page - Texas Instruments TLV9042IPWR Datasheet HTML 20Page - Texas Instruments TLV9042IPWR Datasheet HTML 21Page - Texas Instruments TLV9042IPWR Datasheet HTML 22Page - Texas Instruments TLV9042IPWR Datasheet HTML 23Page - Texas Instruments TLV9042IPWR Datasheet HTML 24Page - Texas Instruments TLV9042IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
VCM (V)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
D07_
V+ = 2.75 V, V– = –2.75 V
Figure 8-1. TLV904x Offset Voltage vs Common-
Mode
Common-Mode Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-2000
-1500
-1000
-500
0
500
1000
1500
2000
D004
V+ = 2.75 V, V– = –2.75 V
Figure 8-2. TLV900x Offset Voltage vs Common-
Mode
8.3.3 Rail-to-Rail Output
Designed as a micro-power, low-noise operational amplifier, the TLV904x delivers a robust output drive
capability. A class AB output stage with common-source transistors is used to achieve full rail-to-rail output
swing capability. For resistive loads up to 5 kΩ, the output typically swings to within 20 mV of either supply rail
regardless of the power-supply voltage applied. Different load conditions change the ability of the amplifier to
swing close to the rails.
8.3.4 Common-Mode Rejection Ratio (CMRR)
The CMRR for the TLV904x is specified in several ways so the best match for a given application can be used;
see the Electrical Characteristics table. First, the CMRR of the device in the common-mode range below the
transition region [VCM < (V+) – 0.7 V] is given. This specification is the best indicator of the capability of the
device when the application requires using one of the differential input pairs. Second, the CMRR over the entire
common-mode range is specified at (VCM = 0 V to 5.5 V). This last value includes the variations measured
through the transition region.
8.3.5 Capacitive Load and Stability
The TLV904x is designed to be used in applications where driving a capacitive load is required. As with all
operational amplifiers, there may be specific instances where the TLV904x can become unstable. The particular
operational amplifier circuit configuration, layout, gain, and output loading are some of the factors to consider
when establishing whether or not an amplifier is stable in operation. An operational amplifier in the unity-gain
(1 V/V) buffer configuration that drives a capacitive load exhibits a greater tendency to be unstable than an
amplifier operated at a higher noise gain. The capacitive load, in conjunction with the operational amplifier output
resistance, creates a pole within the feedback loop that degrades the phase margin. The degradation of the
phase margin increases when capacitive loading increases. When operating in the unity-gain configuration, the
TLV904x remains stable with a pure capacitive load up to approximately 100 pF with a good phase margin of 45°
typical. The equivalent series resistance (ESR) of some very large capacitors (CL greater than 1 μF) is sufficient
to alter the phase characteristics in the feedback loop such that the amplifier remains stable. Increasing the
amplifier closed-loop gain allows the amplifier to drive increasingly larger capacitance. This increased capability
is evident when measuring the overshoot response of the amplifier at higher voltage gains.
One technique for increasing the capacitive load drive capability of the amplifier operating in a unity-gain
configuration is to insert a small resistor (typically 10 Ω to 20 Ω) in series with the output, as shown in Figure 8-3.
This resistor significantly reduces the overshoot and ringing associated with large capacitive loads. One possible
problem with this technique, however, is that a voltage divider is created with the added series resistor and any
resistor connected in parallel with the capacitive load. The voltage divider introduces a gain error at the output
that reduces the output swing.
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com