Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042IPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV9042IPWR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9042IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV9042IPWR Datasheet HTML 5Page - Texas Instruments TLV9042IPWR Datasheet HTML 6Page - Texas Instruments TLV9042IPWR Datasheet HTML 7Page - Texas Instruments TLV9042IPWR Datasheet HTML 8Page - Texas Instruments TLV9042IPWR Datasheet HTML 9Page - Texas Instruments TLV9042IPWR Datasheet HTML 10Page - Texas Instruments TLV9042IPWR Datasheet HTML 11Page - Texas Instruments TLV9042IPWR Datasheet HTML 12Page - Texas Instruments TLV9042IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
7.7 Electrical Characteristics
For VS = (V+) – (V–) = 1.2 V to 5.5 V (±0.6 V to ±2.75 V) at TA = 25°C, RL = 100 kΩ connected to VS / 2, VCM = VS / 2, and
VO UT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.6
±2.25
mV
TA = –40°C to 125°C
±2.5
dVOS/dT
Input offset voltage
drift
TA = –40°C to 125°C
±0.8
µV/
℃
PSRR
Input offset voltage
versus power supply
VS = ±0.6 V to ±2.75 V , VCM = V–
±20
±100
µV/V
Channel separation
f = 10 kHz
±5.6
µV/V
INPUT BIAS CURRENT
IB
Input bias current (1)
±1
±12
pA
IOS
Input offset current (1)
±0.5
±10
pA
NOISE
EN
Input voltage noise
f = 0.1 to 10 Hz
6.5
μVPP
eN
Input voltage noise
density
f = 100 Hz
85
nV/√Hz
f = 1 kHz
66
f = 10 kHz
64
iN
Input current noise (2)
f = 1 kHz
20
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode
voltage range
(V–)
(V+)
V
CMRR
Common-mode
rejection ratio
(V–) < VCM < (V+) – 0.7 V, VS = 1.2 V
TA = –40°C to 125°C
60
77
dB
(V–) < VCM < (V+) – 0.7 V, VS = 5.5 V
75
89
(V–) < VCM < (V+), VS = 1.2 V
60
(V–) < VCM < (V+), VS = 5.5 V
57
72
INPUT IMPEDANCE
ZID
Differential
80 || 1.4
GΩ || pF
ZICM
Common-mode
100 || 0.5
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain
VS = 1.2 V, (V–) + 0.2 V < VO < (V+) – 0.2 V,
RL = 10 kΩ to VS / 2
TA = –40°C to 125°C
98
dB
VS = 5.5 V, (V–) + 0.2 V < VO < (V+) – 0.2 V,
RL = 10 kΩ to VS / 2
125
VS = 1.2 V, (V–) + 0.1 V < VO < (V+) – 0.1 V,
RL = 100 kΩ to VS / 2
105
VS = 5.5 V, (V–) + 0.1 V < VO < (V+) – 0.1 V,
RL = 100 kΩ to VS / 2
107
130
FREQUENCY RESPONSE
THD+N
Total harmonic
distortion + noise (3)
VS = 5.5 V, VCM = 2.75 V, VO = 1 VRMS, G = +1, f = 1 kHz,
RL = 100 kΩ to VS / 2
0.013
%
GBW
Gain-bandwidth
product
RL = 1 MΩ connected to VS/2
350
kHz
SR
Slew rate
VS = 5.5 V, G = +1, CL = 10 pF
0.2
V/μs
tS
Settling time
To 0.1%, VS = 5.5 V, VSTEP = 4 V, G = +1, CL = 10 pF
25
μs
To 0.1%, VS = 5.5 V, VSTEP = 2 V, G = +1, CL = 10 pF
22
To 0.01%, VS = 5.5 V, VSTEP = 4 V, G = +1, CL = 10 pF
35
To 0.01%, VS = 5.5 V, VSTEP = 2 V, G = +1, CL = 10 pF
30
Phase margin
G = +1, RL = 100 kΩ connected to VS/2, CL = 10 pF
65
°
Overload recovery
time
VIN × gain > VS
13
μs
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com