Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9044IDYYR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV9044IDYYR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9044IDYYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV9044IDYYR Datasheet HTML 4Page - Texas Instruments TLV9044IDYYR Datasheet HTML 5Page - Texas Instruments TLV9044IDYYR Datasheet HTML 6Page - Texas Instruments TLV9044IDYYR Datasheet HTML 7Page - Texas Instruments TLV9044IDYYR Datasheet HTML 8Page - Texas Instruments TLV9044IDYYR Datasheet HTML 9Page - Texas Instruments TLV9044IDYYR Datasheet HTML 10Page - Texas Instruments TLV9044IDYYR Datasheet HTML 11Page - Texas Instruments TLV9044IDYYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
7.5 Thermal Information for Dual Channel
THERMAL METRIC (1)
TLV9042
TLV9042S
UNIT
D
(SOIC)
DDF
(SOT-23-8)
DSG
(WSON)
PW
(TSSOP)
DGK
(VSSOP)
RUG
(X2QFN)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal
resistance
148.3
203.8
99.8
203.1
196.6
196.9
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
89.8
123.9
122.2
91.9
87.5
87.6
°C/W
RθJB
Junction-to-board thermal
resistance
91.6
121.6
66.0
133.8
118.5
117.8
°C/W
ψJT
Junction-to-top
characterization parameter
38.6
21.7
13.8
23.7
25.7
3.4
°C/W
ψJB
Junction-to-board
characterization parameter
90.9
199.6
65.9
132.1
116.8
117.6
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
n/a
n/a
41.9
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.6 Thermal Information for Quad Channel
THERMAL METRIC (1)
TLV9044, TLV9044S
UNIT
D
(SOIC)
PW
(TSSOP)
DYY
(SOT-23-14)
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
116.4
135.7
152.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
72.5
78.8
86.2
°C/W
RθJB
Junction-to-board thermal resistance
72.4
63.9
67.4
°C/W
ψJT
Junction-to-top characterization parameter
30.8
14.2
10.1
°C/W
ψJB
Junction-to-board characterization parameter
72
78.3
67.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com