Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9044IDYYR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9044IDYYR
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9044IDYYR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9044IDYYR Datasheet HTML 9Page - Texas Instruments TLV9044IDYYR Datasheet HTML 10Page - Texas Instruments TLV9044IDYYR Datasheet HTML 11Page - Texas Instruments TLV9044IDYYR Datasheet HTML 12Page - Texas Instruments TLV9044IDYYR Datasheet HTML 13Page - Texas Instruments TLV9044IDYYR Datasheet HTML 14Page - Texas Instruments TLV9044IDYYR Datasheet HTML 15Page - Texas Instruments TLV9044IDYYR Datasheet HTML 16Page - Texas Instruments TLV9044IDYYR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Output Voltage (V)
-3 -2.5
-2 -1.5
-1 -0.5
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
D19_
-40oC
25oC
125oC
V+ = 2.75 V, V– = –2.75 V
RL = 10 kΩ
Figure 7-13. Open-Loop Gain vs Output Voltage
Frequency (Hz)
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
10k
100k
1M
D17_
G = -1
G = 1
G = 10
CL = 10 pF
Figure 7-14. Closed-Loop Gain vs Frequency
Iout (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D32_
-40oC
25oC
85oC
125oC
V+ = 2.75 V, V– = –2.75 V
Figure 7-15. Output Voltage vs Output Current (Claw)
Iout (mA)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
D34_
-40oC
25oC
85oC
125oC
V+ = 0.6 V, V– = –0.6 V
Figure 7-16. Output Voltage vs Output Current (Claw)
Frequency (Hz)
0
8
16
24
32
40
48
56
64
72
80
100
1k
10k
100k
1M
D10_
PSRR+
PSRR-
Figure 7-17. PSRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
4
8
12
16
20
24
28
32
36
40
D11_
VS = 1.2 V to 5.5 V
Figure 7-18. DC PSRR vs Temperature
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com