Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9064IPWR Datasheet(PDF) 36 Page - Texas Instruments

Part # TLV9064IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9064IPWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLV9064IPWR Datasheet HTML 32Page - Texas Instruments TLV9064IPWR Datasheet HTML 33Page - Texas Instruments TLV9064IPWR Datasheet HTML 34Page - Texas Instruments TLV9064IPWR Datasheet HTML 35Page - Texas Instruments TLV9064IPWR Datasheet HTML 36Page - Texas Instruments TLV9064IPWR Datasheet HTML 37Page - Texas Instruments TLV9064IPWR Datasheet HTML 38Page - Texas Instruments TLV9064IPWR Datasheet HTML 39Page - Texas Instruments TLV9064IPWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TLV9062IDSGRG4.A
Active
Production
WSON (DSG) | 8
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T062
TLV9062IDSGT
Active
Production
WSON (DSG) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T062
TLV9062IDSGT.A
Active
Production
WSON (DSG) | 8
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T062
TLV9062IPWR
Active
Production
TSSOP (PW) | 8
2000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
TL9062
TLV9062IPWR.A
Active
Production
TSSOP (PW) | 8
2000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
TL9062
TLV9062SIDGSR
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
1TDX
TLV9062SIDGSR.A
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
1TDX
TLV9062SIRUGR
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
EOF
TLV9062SIRUGR.A
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
EOF
TLV9062SIYCKR
Active
Production
DSBGA (YCK) | 9
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
EH
TLV9062SIYCKR.A
Active
Production
DSBGA (YCK) | 9
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
EH
TLV9064IDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TLV9064D
TLV9064IDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TLV9064D
TLV9064IPWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
TLV9064
TLV9064IPWR.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
TLV9064
TLV9064IPWR.B
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
-
Call TI
Call TI
-40 to 125
TLV9064IPWT
Active
Production
TSSOP (PW) | 14
250 | SMALL T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
TLV9064
TLV9064IPWT.A
Active
Production
TSSOP (PW) | 14
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
TLV9064
TLV9064IRTER
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T9064
TLV9064IRTER.A
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T9064
TLV9064IRUCR
Active
Production
QFN (RUC) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1DD
TLV9064IRUCR.A
Active
Production
QFN (RUC) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1DD
TLV9064IRUCRG4
Active
Production
QFN (RUC) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1DD
TLV9064IRUCRG4.A
Active
Production
QFN (RUC) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1DD
TLV9064SIRTER
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T9064S
TLV9064SIRTER.A
Active
Production
WQFN (RTE) | 16
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T9064S
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com