Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9064IPWR Datasheet(PDF) 39 Page - Texas Instruments

Part # TLV9064IPWR
Description  TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9064IPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV9064IPWR Datasheet HTML 35Page - Texas Instruments TLV9064IPWR Datasheet HTML 36Page - Texas Instruments TLV9064IPWR Datasheet HTML 37Page - Texas Instruments TLV9064IPWR Datasheet HTML 38Page - Texas Instruments TLV9064IPWR Datasheet HTML 39Page - Texas Instruments TLV9064IPWR Datasheet HTML 40Page - Texas Instruments TLV9064IPWR Datasheet HTML 41Page - Texas Instruments TLV9064IPWR Datasheet HTML 42Page - Texas Instruments TLV9064IPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Oct-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV9062IDSGR
WSON
DSG
8
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV9062IDSGRG4
WSON
DSG
8
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV9062IDSGT
WSON
DSG
8
250
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV9062IPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
TLV9062SIDGSR
VSSOP
DGS
10
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
TLV9062SIRUGR
X2QFN
RUG
10
3000
178.0
8.4
1.75
2.25
0.56
4.0
8.0
Q1
TLV9062SIYCKR
DSBGA
YCK
9
3000
180.0
8.4
1.1
1.1
0.4
2.0
8.0
Q1
TLV9064IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TLV9064IPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
TLV9064IPWT
TSSOP
PW
14
250
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
TLV9064IRTER
WQFN
RTE
16
3000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
TLV9064IRUCR
QFN
RUC
14
3000
180.0
9.5
2.16
2.16
0.5
4.0
8.0
Q2
TLV9064IRUCRG4
QFN
RUC
14
3000
180.0
9.5
2.16
2.16
0.5
4.0
8.0
Q2
TLV9064SIRTER
WQFN
RTE
16
3000
330.0
12.4
3.3
3.3
1.1
8.0
12.0
Q2
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com