Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1003S-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1003S-Y
Description  Automotive 300 V, 10 A high efficiency ultrafast diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003S-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1003S-Y Datasheet HTML 1Page - STMicroelectronics STTH1003S-Y Datasheet HTML 2Page - STMicroelectronics STTH1003S-Y Datasheet HTML 3Page - STMicroelectronics STTH1003S-Y Datasheet HTML 4Page - STMicroelectronics STTH1003S-Y Datasheet HTML 5Page - STMicroelectronics STTH1003S-Y Datasheet HTML 6Page - STMicroelectronics STTH1003S-Y Datasheet HTML 7Page - STMicroelectronics STTH1003S-Y Datasheet HTML 8Page - STMicroelectronics STTH1003S-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 5. Relative variations of dynamic parameters
versus junction temperature (reference: Tj = 125 °C)
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
T (°C)
j
S factor
IRM
Figure 6. Transient peak forward voltage versus dIF/dt
(90% confidence)
0
50
100
150
200
250
300
350
400
450
500
0
1
2
3
4
5
6
7
8
V
(V)
FP
dI /dt(A/µs)
F
I =I
T =125°C
F
F(AV)
j
Figure 7. Forward recovery versus dIF/dt (90%
confidence)
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
t ( ns)
fr
dI /dt(A/µs)
F
I =I
T =125°C
F
F(AV)
j
V =1.1 x V max.
FR
F
Figure 8. Thermal resistance junction to ambient versus
copper surface under tab (typical values)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
DPAK
Epoxy printed circuit board, copper thickness: 35 µm
STTH1003S-Y
Characteristics
DS8767 - Rev 4
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com