Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1003S-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH1003S-Y
Description  Automotive 300 V, 10 A high efficiency ultrafast diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003S-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH1003S-Y Datasheet HTML 2Page - STMicroelectronics STTH1003S-Y Datasheet HTML 3Page - STMicroelectronics STTH1003S-Y Datasheet HTML 4Page - STMicroelectronics STTH1003S-Y Datasheet HTML 5Page - STMicroelectronics STTH1003S-Y Datasheet HTML 6Page - STMicroelectronics STTH1003S-Y Datasheet HTML 7Page - STMicroelectronics STTH1003S-Y Datasheet HTML 8Page - STMicroelectronics STTH1003S-Y Datasheet HTML 9Page - STMicroelectronics STTH1003S-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
DPAK package information
•
Epoxy meets UL94, V0
Figure 9. DPAK package outline
E
b4
L2
H
L4
A
c2
D
A1
R
c
b (2x)
e
e1
A2
L
(L1)
V2
E1
D1
Gauge
plane
Seating plane
0.25
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STTH1003S-Y
Package information
DS8767 - Rev 4
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com