Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7296F Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT7296F Datasheet HTML 1Page - Richtek Technology Corporation RT7296F Datasheet HTML 2Page - Richtek Technology Corporation RT7296F Datasheet HTML 3Page - Richtek Technology Corporation RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296F-06
September
2023
4
Undervoltage Lockout Threshold
The IC includes an input Undervoltage Lockout
Protection (UVLO). If the input voltage exceeds the
UVLO rising threshold voltage (3.9V), the converter
resets and prepares the PWM for operation. If the input
voltage falls below the UVLO falling threshold voltage
(3.25V) during normal operation, the device stops
switching. The UVLO rising and falling threshold
voltage includes a hysteresis to prevent noise caused
reset.
Chip Enable
The EN pin is the chip enable input. Pulling the EN pin
low (<1.1V) will shutdown the output voltage. During
shutdown mode (<0.4V), the RT7296F
’s quiescent
current drops to lower than 1
A. Driving the EN pin
high (>1.6V) will turn on the device.
Operating Frequency and Synchronization
The internal oscillator runs at 500kHz (typ.) when the
EN/SYNC pin is at logic-high level (>1.6V). If the EN
pin is pulled to low-level over 8
s, the IC will shut down.
The RT7296F can be synchronized with an external
clock ranging from 200kHz to 2MHz applied to the
EN/SYNC pin. The external clock duty cycle must be
from 20% to 80% with logic-high level = 2V and
logic-low level = 0.8V.
Internal Regulator
The internal regulator generates 5V power and drive
internal circuit. When VIN is below 5V, PVCC will drop
with VIN. A capacitor (>0.1
F) between PVCC and
GND is required.
Internal Soft-Start Function
The RT7296F provides internal soft-start function. The
soft-start function is used to prevent large inrush
current while converter is being powered-up. Output
voltage starts to rise 1.2ms after EN rising, and the
soft-start time (VFB from 0V to 0.8V) is 1.5ms. PG signal
goes high 0.8ms after completing soft-start.
VOUT
EN
VIN
PG
VIN = 12V
VCC = 5V
VCC
1.2ms
1.5ms
0.8ms
High-Side MOSFET Overcurrent Limit
The RT7296F features cycle-by-cycle current-limit
protection
and
prevents
the
device
from
the
catastrophic damage in output short circuit, overcurrent
or inductor saturation. During the on-time of the high
side switch, the device monitors the switch current. If
the switch current overs the current-limit threshold, the
device turns off the high side switch to prevent the
device from damage.
Output Undervoltage Protection
The RT7296F includes output undervoltage protection
(UVP) against over-load or short-circuited condition by
constantly monitoring the feedback voltage VFB. If VFB
drops below the undervoltage protection trip threshold,
50% (typ.) of the internal reference voltage, the UV
comparator will go high to turn off the internal high-side
MOSFET switches. If the output undervoltage condition
continues for a period of time, the RT7296F will enter
output undervoltage protection with hiccup mode.
During hiccup mode, the device remains shut down.
After a period of time, a soft-start sequence for
auto-recovery will be initiated. Upon completion of the
soft-start sequence, if the fault condition is removed,
the converter will resume normal operation; otherwise,
such cycle for auto-recovery will be repeated until the
fault condition is cleared. Hiccup mode allows the
circuit to operate safely with low input current and
power dissipation, and then resume normal operation
as soon as the over-load or short-circuit condition is
removed. The UVP profile is shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com