Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF0064DRPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMF0064DRPR
Description  TMF0064 64Kbit Serial FRAM With SDQ Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0064DRPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMF0064DRPR Datasheet HTML 3Page - Texas Instruments TMF0064DRPR Datasheet HTML 4Page - Texas Instruments TMF0064DRPR Datasheet HTML 5Page - Texas Instruments TMF0064DRPR Datasheet HTML 6Page - Texas Instruments TMF0064DRPR Datasheet HTML 7Page - Texas Instruments TMF0064DRPR Datasheet HTML 8Page - Texas Instruments TMF0064DRPR Datasheet HTML 9Page - Texas Instruments TMF0064DRPR Datasheet HTML 10Page - Texas Instruments TMF0064DRPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
5.7 Functional Tests
Over operating free-air temperature range and VPUP = 3.3V and 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Multi- target bus
Confirm that any TMF0064 can communicate in a network
with multiple target devices. Figure 6-6 shows an example
configuration of 3 target devices (including the DUT).(1)
0
Multi- target
bus Fails
(1)
See Section 6.4.1.
5.8 Typical Characteristics
Te mperature (°C)
-10
0
10
20
30
40
50
60
1E-6
2E-6
3E-6
4E-6
5E-6
6E-6
7E-6
8E-6
VPUP = 3.3V
VPUP = 5V
Figure 5-1. Input Load Current (IL) vs Temperature (Standard
Speed)
Te mperature (°C)
-10
0
10
20
30
40
50
60
1E-6
2E-6
3E-6
4E-6
5E-6
6E-6
7E-6
8E-6
VPUP = 3.3V
VPUP = 5V
Figure 5-2. Input Load Current (IL) vs Temperature (Overdrive
Speed)
www.ti.com
TMF0064
SLVSJQ6 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMF0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com