Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP112
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments TMP112 Datasheet HTML 20Page - Texas Instruments TMP112 Datasheet HTML 21Page - Texas Instruments TMP112 Datasheet HTML 22Page - Texas Instruments TMP112 Datasheet HTML 23Page - Texas Instruments TMP112 Datasheet HTML 24Page - Texas Instruments TMP112 Datasheet HTML 25Page - Texas Instruments TMP112 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Frame 1 SMBus ALERT Response Address Byte
Frame 2 Target Address from Device
Start By
Controller
ACK By
Device
From
Device
NACK By
Controller
Stop By
Controller
1
9
1
9
SDA
SCL
ALERT
0
0
0
1
1
0
0
R/W
1
0
0
1
A1
A0
Status
A.
The values of A0 and A1 are determined by the ADD0 pin.
Figure 7-6. Timing Diagram for SMBus ALERT
7.4 Device Functional Modes
7.4.1 Continuous-Conversion Mode
The default mode of the TMP112-Q1/TMP112D-Q1 device is continuous conversion mode. During continuous-
conversion mode, the ADC performs continuous temperature conversions and stores each results to the
temperature register, overwriting the result from the previous conversion. The conversion rate bits, CR1 and
CR0, configure the TMP112-Q1/TMP112D-Q1 device for conversion rates of 0.25Hz, 1Hz, 4Hz, or 8Hz. The
default rate is 4Hz. The TMP112-Q1 device has a typical conversion time of 26ms while TMP112D-Q1 has a
typical conversion time of 10ms. To achieve different conversion rates, the TMP112-Q1/TMP112D-Q1 device
makes a conversion and then powers down and waits for the appropriate delay set by CR1 and CR0. Table 7-5
lists the settings for CR1 and CR0.
Table 7-5. Conversion Rate Settings
CR1
CR0
CONVERSION RATE
0
0
0.25Hz
0
1
1Hz
1
0
4Hz (default)
1
1
8Hz
After a power up or general-call reset, the TMP112-Q1/TMP112D-Q1 device immediately begins a conversion
as shown in Figure 7-7. The first result is available after 26ms (typical) for TMP112-Q1 and 10ms (typical)
for TMP112D-Q1. The active quiescent current during conversion is 40μA (typical at 27°C) for TMP112-Q1
and 55μA (typical at 27°C) for TMP112D-Q1. The quiescent current during delay is 2.2μA (typical at 27°C) for
TMP112-Q1 and 2.6μA (typical at 27°C) for TMP112D-Q1.
Start of
Conversion
Startup
Delay
(1)
26ms /10ms
26ms /10ms
A.
The delay is set by CR1 and CR0 bits in the configuration register.
Figure 7-7. Conversion Start
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com