Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP112
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 28Page - Texas Instruments TMP112 Datasheet HTML 29Page - Texas Instruments TMP112 Datasheet HTML 30Page - Texas Instruments TMP112 Datasheet HTML 31Page - Texas Instruments TMP112 Datasheet HTML 32Page - Texas Instruments TMP112 Datasheet HTML 33Page - Texas Instruments TMP112 Datasheet HTML 34Page - Texas Instruments TMP112 Datasheet HTML 35Page - Texas Instruments TMP112 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
8.2 Typical Application
The TMP112-Q1/TMP112D-Q1 device is used to measure the PCB temperature of the board location where the
device is mounted. The programmable address options allow up to four locations on the board to be monitored
on a single serial bus.
SCL
GND
ALERT
2
4
1
ADD0
V+
6
3
5
0.01µF
Two-Wire
Host Controller
TMP112-Q1
1.4V to 3.6V
SDA
Pullup Resistors
Supply Bypass
Capacitor
Supply Voltage
5kΩ
Note
The SCL, SDA, and ALERT pins require pullup resistors.
Figure 8-3. Typical Connections (TMP112-Q1)
I
2C
Controller
TMP112D-Q1
SCL
SDA
SCL
SDA
V+
GND
5k
5k
0.01µF
1.4V to 3.6V
5k
ALERT
ALERT
TMP112D-Q1
SCL
SDA
V+
GND
ADD0
DRL
Package
DPW
Package
GND
ADD0
Figure 8-4. Typical Connections (TMP112D-Q1)
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com