Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP451 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments TMP451 Datasheet HTML 17Page - Texas Instruments TMP451 Datasheet HTML 18Page - Texas Instruments TMP451 Datasheet HTML 19Page - Texas Instruments TMP451 Datasheet HTML 20Page - Texas Instruments TMP451 Datasheet HTML 21Page - Texas Instruments TMP451 Datasheet HTML 22Page - Texas Instruments TMP451 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
TMP451
www.ti.com
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
Table 6. Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7
BUSY
R
N/A
ADC status indicator
1 = ADC is converting.
0 = ADC is not converting.
6
LHIGH
R
N/A
Local temperature high limit status indicator(1)
1 = Local temperature value exceeds the Local Temperature
High Limit Register value. This bit is cleared upon reading the
Status Register providing that the condition causing the over
temperature result is no longer present.
0 = Local temperature value does not exceed the Local
Temperature High Limit Register value.
5
LLOW
R
N/A
Local temperature low limit status indicator(1)
1 = Local temperature value is below the Local Temperature
Low Limit Register value. This bit is cleared upon reading the
Status Register providing that the condition causing the under
temperature result is no longer present.
0 = Local temperature value is not below the Local Temperature
Low Limit Register value.
4
RHIGH
R
N/A
Remote temperature high limit status indicator(1)
1 = Remote temperature value exceeds the Remote
Temperature High Limit Register value. This bit is cleared upon
reading the Status Register providing that the condition causing
the over temperature result is no longer present.
0 = Remote temperature value does not exceed the Remote
Temperature High Limit Register value.
3
RLOW
R
N/A
Remote temperature low limit status indicator(1)
1 = Remote temperature value is below the Remote
Temperature Low Limit Register value. This bit is cleared upon
reading the Status Register providing that the condition causing
the under temperature result is no longer present.
0 = Remote temperature value is not below the Remote
Temperature Low Limit Register value.
2
OPEN
R
N/A
Remote junction open circuit detection(1)
1 = The remote junction is an open circuit. This bit is cleared
upon reading the Status Register providing that the condition
causing the open circuit is no longer present.
0 = The remote junction is not an open circuit.
1
RTHRM
R
N/A
Remote THERM limit status indicator
1 = Remote THERM limit is tripped. This bit is cleared upon
reading the Status Register providing that the condition causing
the over temperature result is no longer present.
0 = Remote THERM limit is not tripped.
0
LTHRM
R
N/A
Local THERM limit status indicator
1 = Local THERM limit is tripped. This bit is cleared upon
reading the Status Register providing that the condition causing
the over temperature result is no longer present.
0 = Local THERM limit is not tripped.
(1)
These flags stay high until the status register is read or they are reset by a POR when pin 6 is configured as ALERT. Only bit 2 (OPEN)
stays high until the status register is read or it is reset by a POR when pin 6 is configured as THERM2.
The status register reports the state of the temperature ADC, the temperature limit comparators, and the
connection to the remote sensor. Table 6 lists the status register bits. The status register is read-only, and is
read by accessing pointer address 02h.
The LHIGH and LLOW bits indicate a local sensor overtemperature or undertemperature event, respectively. The
RHIGH and RLOW bits indicate a remote sensor overtemperature or undertemperature event, respectively. The
OPEN bit indicates an open-circuit condition on the remote sensor. When pin 6 is configured as the ALERT
output, the five flags are NORed together. If any of the five flags are high, the ALERT interrupt latch is set and
the ALERT output goes low. Reading the status register clears the five flags, provided that the condition that
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com