Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP451 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP451
Description  TMP451 ±1°C Remote and Local Temperature Sensor With η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP451 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 27Page - Texas Instruments TMP451 Datasheet HTML 28Page - Texas Instruments TMP451 Datasheet HTML 29Page - Texas Instruments TMP451 Datasheet HTML 30Page - Texas Instruments TMP451 Datasheet HTML 31Page - Texas Instruments TMP451 Datasheet HTML 32Page - Texas Instruments TMP451 Datasheet HTML 33Page - Texas Instruments TMP451 Datasheet HTML 34Page - Texas Instruments TMP451 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
T
ERR
+
1.004 * 1.008
1.008
273.15 ) 100°C
T
ERR
+ 1.48°C
TMP451
www.ti.com
SBOS686A – JUNE 2013 – REVISED DECEMBER 2014
Typical Application (continued)
For
η = 1.004 and T(°C) = 100°C:
(5)
If a discrete transistor is used as the remote temperature sensor with the TMP451, the best accuracy can be
achieved by selecting the transistor according to the following criteria:
1. Base-emitter voltage > 0.25 V at 7.5
μA, at the highest sensed temperature.
2. Base-emitter voltage < 0.95 V at 120
μA, at the lowest sensed temperature.
3. Base resistance < 100
Ω.
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Based on this criteria, two recommended small-signal transistors are the 2N3904 (NPN) or 2N3906 (PNP).
8.2.2 Detailed Design Procedure
The local temperature sensor inside the TMP451 device monitors the ambient air around the device. The thermal
time constant for the TMP451 device is approximately two seconds. This constant implies that if the ambient air
changes quickly by 100°C, it would take the TMP451 device about 10 seconds (that is, five thermal time
constants) to settle to within 1°C of the final value. In most applications, the TMP451 package is in electrical, and
therefore thermal, contact with the printed circuit board (PCB), as well as subjected to forced airflow. The
accuracy of the measured temperature directly depends on how accurately the PCB and forced airflow
temperatures represent the temperature that the TMP451 is measuring. Additionally, the internal power
dissipation of the TMP451 can cause the temperature to rise above the ambient or PCB temperature. The
internal power dissipated as a result of exciting the remote temperature sensor is negligible because of the small
currents used. For a 3.3-V supply and maximum conversion rate of 16 conversions per second, the TMP451
device dissipates 0.54 mW (PDIQ = 3.3 V × 165 μA). A θJA of 171.3°C/W causes the junction temperature to rise
approximately 0.09°C above the ambient.
The temperature measurement accuracy of the TMP451 device depends on the remote and/or local temperature
sensor being at the same temperature as the system point being monitored. Clearly, if the temperature sensor is
not in good thermal contact with the part of the system being monitored, then there will be a delay in the
response of the sensor to a temperature change in the system. For remote temperature-sensing applications
using a substrate transistor (or a small, SOT23 transistor) placed close to the device being monitored, this delay
is usually not a concern.
8.2.3 Application Curves
The following curves show the performance capabilities of the TMP451 device. Figure 43 shows the accuracy
performance in an oil-bath temperature drift of a population of 16 standrard 2N3906 transistors measured in a
diode-connected configuration. Figure 44 shows the typical step response to a submerging of a sensor in an oil
bath with temperature of 100°C.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TMP451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com