Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP512 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 41Page - Texas Instruments TMP512 Datasheet HTML 42Page - Texas Instruments TMP512 Datasheet HTML 43Page - Texas Instruments TMP512 Datasheet HTML 44Page - Texas Instruments TMP512 Datasheet HTML 45Page - Texas Instruments TMP512 Datasheet HTML 46Page - Texas Instruments TMP512 Datasheet HTML 47Page - Texas Instruments TMP512 Datasheet HTML 48Page - Texas Instruments TMP512 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
Remote Temperature Result 1 Register 09h, Remote Temperature Result 2 Register 0Ah, Remote
Temperature Result 3 Register (TMP513 Only) 0Bh (Read-Only)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
RT12
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
RT3
RT2
RT1
RT0
PVLD
DO
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
The data format is 13 bits, 0.0625
°C per bit. Full-scale allows display up to ±256°C.
RT12
–RT0:
Remote Temperature Result
Bits 3-15
Shows the remote temperature measurement result.
PVLD
Power Valid Flag
Bit 1
This bit is the power valid flag.
The TMP512/13 do not start a temperature conversion if the power supply is not valid. If the voltage is less than
2.7V during a conversion, the PVLD bit is set to '1' and the temperature result may be incorrect.
DO
Diode Open Flag
Bit 0
This bit is the diode open flag.
If the Remote Channels are open during a conversion, then Diode Open bit is set at the end of the conversion.
Shunt Positive Limit Register 0Ch (Read/Write)
At full-scale range =
±320mV, 15-bit + sign, LSB = 10μV (decimal = 32000, positive value hex = 7D00, negative
value hex = 8300).
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SWP
SWP14
SWP13
SWP12
SWP11
SWP10
SWP9
SWP8
SWP7
SWP6
SWP5
SWP4
SWP3
SWP2
SWP1
SWP0
NAME
SIGN
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Shunt Negative Limit Register 0Dh (Read/Write)
At full-scale range =
±320mV (decimal = 32000, positive value hex = 7D00, negative value hex = 8300). 15 bit +
sign, LSB = 10
μV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SWN
SWN14
SWN13
SWN12
SWN11
SWN10
SWN9
SWN8
SWN7
SWN6
SWN5
SWN4
SWN3
SWN2
SWN1
SWN0
NAME
SIGN
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Bus Voltage Positive Limit Register 0Eh (Read/Write)
At full-scale range = 32V (decimal = 8000, hex = 1F40), and LSB = 4mV.
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
BWU12
BWU11
BWU10
BWU9
BWU8
BWU7
BWU6
BWU5
BWU4
BWU3
BWU2
BWU1
BWU0
NAME
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VALUE
Copyright
© 2010–2011, Texas Instruments Incorporated
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com