Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP512 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 1 Page - Texas Instruments

  TMP512 Datasheet HTML 1Page - Texas Instruments TMP512 Datasheet HTML 2Page - Texas Instruments TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
GND
GPIO
V
IN+
V
IN-
ALERT
SDA
SCL
ADC
TMP512
TMP513
DXP1
DXN1
DXP2
DXN2
Subregulator
3.3V
V+
Filter C
Two-Wire
Interface
Power Register
Current Register
Voltage Register
ADC
Low-Pass Filter
Internal
Diode
Temperature
Sensor
Mux
A0
DXP3
DXN3
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
Temperature and Power Supply System Monitors
Check for Samples: TMP512, TMP513
1
FEATURES
DESCRIPTION
The
TMP512
(dual-channel)
and
TMP513
234
±1°C REMOTE DIODE SENSORS
(triple-channel) are system monitors that include
±1°C LOCAL TEMPERATURE SENSOR
remote sensors, a local temperature sensor, and a
SERIES RESISTANCE CANCELLATION
high-side
current
shunt
monitor.
These
system
monitors have the capability of measuring remote
n-FACTOR CORRECTION
temperatures, on-chip temperatures, and system
TEMPERATURE ALERT FUNCTION
voltage/power/current consumption.
AVERAGING
The remote temperature sensor diode-connected
12-BIT RESOLUTION
transistors are typically low-cost, NPN- or PNP-type
DIODE FAULT DETECTION
transistors or diodes that are an integral part of
microcontrollers,
microprocessors,
or
FPGAs.
SENSES BUS VOLTAGES FROM 0V TO +26V
Remote
accuracy
is
±1°C
for
multiple
IC
REPORTS CURRENT IN AMPS, VOLTAGE IN
manufacturers, with no calibration needed. The
VOLTS AND POWER IN WATTS
two-wire
serial
interface
accepts
SMBus
or
HIGH ACCURACY: 1% MAX OVER TEMP
two-wire write and read commands.
WATCHDOG LIMITS:
The onboard current shunt monitor is a high-side
– Upper Over-Limit
current shunt and power monitor. It monitors both the
shunt drop and supply voltage. A programmable
– Lower Under-Limit
calibration value (along with the TMP512/TMP513
internal digital multiplier) enables direct readout in
APPLICATIONS
amps; an additional multiplication calculates power in
DESKTOP AND NOTEBOOK COMPUTERS
watts. The TMP512 and TMP513 both feature two
separate onboard watchdog capabilities: an over-limit
SERVERS
comparator and a lower-limit comparator.
INDUSTRIAL CONTROLLERS
These devices use a single +3V to +26V supply,
CENTRAL OFFICE TELECOM EQUIPMENT
drawing a maximum of 1.4mA of supply current, and
LCD/ DLP®/LCOS PROJECTORS
they are specified for operation from
–40°C to
STORAGE AREA NETWORKS (SAN)
+125
°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
SMBus is a trademark of Intel Corporation.
4
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2010–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
TMP512 TI1-TMP512 Datasheet
1Mb / 61P
Temperature and Power Supply System Monitors
TMP512 TI2-TMP512 Datasheet
1Mb / 57P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
OCTOBER 2025
TMP512 TI2-TMP512 Datasheet
1Mb / 59P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
More results

Similar Description - TMP512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
Linear Technology
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
logo
Texas Instruments
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
Temperature and Power Supply System Monitors
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com