Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # CDP2HD
Description  USB-C to HDMI Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  CDP2HD Datasheet HTML 1Page - StarTech.com Ltd. CDP2HD Datasheet HTML 2Page - StarTech.com Ltd. CDP2HD Datasheet HTML 3Page - StarTech.com Ltd. CDP2HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
2 Years
Hardware
Audio
Yes
Converter Type
Adapters
Output Signal
HDMI
Ports
1
Performance
Audio Specifications
7.1 surround sound
Supported Resolutions
1024x768
1280x720 (High-definition 720p)
1920x1080 (High-definition 1080p)
1920x1200
2560x1440
2560x1600
3840 x 2160 (Ultra HD 4K) @30hz
Wide Screen Supported
Yes
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode Male Input
Connector B
1 - HDMI (19 pin) Female Output
Physical
Characteristics
Accent Color
Black
Color
Black
Enclosure Type
Plastic
Product Height
9 mm [0.4 in]
Product Length
147 mm [5.8 in]
Product Weight
27 g [1 oz]
Product Width
23 mm [0.9 in]
Packaging
Information
Shipping (Package) Weight
32 g [1.1 oz]
What's in the Box
Included in Package
1 - USB-C to HDMI adapter
Product appearance and specifications are subject to change without notice.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com