Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2HD
Description  USB-C to HDMI Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2HD Datasheet HTML 1Page - StarTech.com Ltd. CDP2HD Datasheet HTML 2Page - StarTech.com Ltd. CDP2HD Datasheet HTML 3Page - StarTech.com Ltd. CDP2HD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB-C to HDMI Adapter
Product ID: CDP2HD
This USB-C™ to HDMI® adapter lets you output HDMI video and audio from a USB Type-C™ device such
as a MacBook or Chromebook™ laptop. This adapter works with USB-C devices that pass a DisplayPort
video signal. It's also compatible with Thunderbolt™ 3 ports.
Ultimate portability
This USB type-C video adapter is highly portable with a small footprint and lightweight design. The
adapter is the perfect accessory for your MacBook or Chromebook, fitting easily into your laptop bag or
carrying case, which is great for BYOD (Bring Your Own Device) applications at the office.
Hassle-free connection with USB Type-C
This adapter lets you utilize the versatile USB Type-C port on your portable device. USB Type-C is
a reversible connector, so it doesn't matter which way you plug it in, the adapter will always work, saving
you the hassle and embarrassment of fiddling with your device when you're trying to deliver a
presentation.
www.startech.com/uk
0800 169 0408


Similar Part No. - CDP2HD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HDMM1MH STARTECH-CDP2HDMM1MH Datasheet
98Kb / 4P
3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM5MH STARTECH-CDP2HDMM5MH Datasheet
98Kb / 4P
16ft (5m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results

Similar Description - CDP2HD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-HGUB-C TRIPPLITE-U444-06N-HGUB-C Datasheet
180Kb / 4P
USB-C to HDMI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 1080p - PD Charging, Black
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Tripp Lite. All Rights ...
U444-CAT-H TRIPPLITE-U444-CAT-H_V01 Datasheet
175Kb / 4P
USB-C to HDMI Over Cat6 Extender/Adapter with POC, 150 ft. (45 m)
2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com