Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDMM1MH Datasheet (PDF) - StarTech.com Ltd.

CDP2HDMM1MH Datasheet PDF - StarTech.com Ltd.
Part # CDP2HDMM1MH
Download  CDP2HDMM1MH Download
File Size   98.37 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3

CDP2HDMM1MH Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2HDMM1MH Datasheet PDF - StarTech.com Ltd.

Part # CDP2HDMM1MH
Download  CDP2HDMM1MH Click to download

File Size   98.37 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3

CDP2HDMM1MH Datasheet (HTML) - StarTech.com Ltd.


CDP2HDMM1MH Product details

Applications
• Connect USB-C devices to HDR capable 4K HDMI displays
• Deliver enriched presentations
• Ideal for creative professionals

Features
• HIGH PERFORMANCE: 3.3ft (1m) USB C or Thunderbolt 3 to HDMI 2.0b adapter cable supports Ultra HD (UHD)
resolutions up to 4K 60Hz (3840x2160) with HDR10, 7.1ch Audio, HDCP 2.2/1.4 DisplayPort 1.4 Alt Mode HBR3
Backwards compatible with 1080p
• INTEGRATED DISPLAY CABLE WITH HDR: Color spacing supporting RGB (8/10bit) and YCbCr 4:4:4 (8/10bit) for
high-contrast & lifelike color with HDMI 2.0b displays Chip built into HDMI connector minimizes signal loss & failure
points, provides tidy install
• HOST COMPATIBILITY: USB C to HDMI cable for devices like Dell XPS/Precision/Latitude, Lenovo ThinkPad X1
Carbon/Extreme, Surface Pro 7/Laptop 3/Book 3, MacBook Pro/Air, iPad Pro, HP EliteBook/Spectre/ZBook,
Chromebooks, Samsung S20/S21/Note20 (DEX mode)
• DISPLAY COMPATIBILITY: USB Type-C to HDMI cable has been tested for peak performance at 4K 60Hz with
range of HDMI monitors, displays, TVs and projectors incl. brands like Dell, Asus, Acer, BenQ, LG, Samsung, Sharp,
Sony & Epson Supports Dolby Vision
• EASY TO USE: USB-C to HDMI adapter cable has been tested to ensure compatibility with USB Type C DP Alt
Mode or TB3 devices; Driverless plug & play setup with macOS, Windows, Linux, Chrome OS & Android; USB-C
male to HDMI male video converter cord




Similar Part No. - CDP2HDMM1MH

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM5MH STARTECH-CDP2HDMM5MH Datasheet
98Kb / 4P
16ft (5m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results


Similar Description - CDP2HDMM1MH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-HDR-W TRIPPLITE-U444-06N-HDR-W Datasheet
158Kb / 3P
USB-C to HDMI 4K Adapter with HDR - M/F, USB 3.1, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-2H-MST4K6 TRIPPLITE-U444-2H-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3H-MST TRIPPLITE-U444-3H-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
logo
IOGEAR
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Chrontel, Inc.
CH7217A CHRONTEL-CH7217A Datasheet
221Kb / 9P
CH7217A USB Type-C DP Alt Mode to HDMI 2.0 Converter with PD 3.0 Controller
Rev 1.2 2022-12-30
CH7218A CHRONTEL-CH7218A Datasheet
226Kb / 10P
CH7218A USB-C and DP 1.4 to HDMI 2.1 Protocol Converter
Rev 1.4 2023-8-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com