Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDMM1MH Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2HDMM1MH
Description  3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDMM1MH Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2HDMM1MH Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDMM1MH Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDMM1MH Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDMM1MH Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NVIDIA graphics adapters may not support 4:4:4 chroma subsampling and 5.1/7.1 audio output, when used with this
adapter cable
Certifications, Reports and Compatibility
Applications
• Connect USB-C devices to HDR capable 4K HDMI displays
• Deliver enriched presentations
• Ideal for creative professionals
Features
• HIGH PERFORMANCE: 3.3ft (1m) USB C or Thunderbolt 3 to HDMI 2.0b adapter cable supports Ultra HD (UHD)
resolutions up to 4K 60Hz (3840x2160) with HDR10, 7.1ch Audio, HDCP 2.2/1.4 DisplayPort 1.4 Alt Mode HBR3
Backwards compatible with 1080p
• INTEGRATED DISPLAY CABLE WITH HDR: Color spacing supporting RGB (8/10bit) and YCbCr 4:4:4 (8/10bit) for
high-contrast & lifelike color with HDMI 2.0b displays Chip built into HDMI connector minimizes signal loss & failure
points, provides tidy install
• HOST COMPATIBILITY: USB C to HDMI cable for devices like Dell XPS/Precision/Latitude, Lenovo ThinkPad X1
Carbon/Extreme, Surface Pro 7/Laptop 3/Book 3, MacBook Pro/Air, iPad Pro, HP EliteBook/Spectre/ZBook,
Chromebooks, Samsung S20/S21/Note20 (DEX mode)
• DISPLAY COMPATIBILITY: USB Type-C to HDMI cable has been tested for peak performance at 4K 60Hz with
range of HDMI monitors, displays, TVs and projectors incl. brands like Dell, Asus, Acer, BenQ, LG, Samsung, Sharp,
Sony & Epson Supports Dolby Vision
• EASY TO USE: USB-C to HDMI adapter cable has been tested to ensure compatibility with USB Type C DP Alt
Mode or TB3 devices; Driverless plug & play setup with macOS, Windows, Linux, Chrome OS & Android; USB-C
male to HDMI male video converter cord
Hardware
Warranty
3 Years



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com