Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2HDMM1MH Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2HDMM1MH
Description  3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2HDMM1MH Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2HDMM1MH Datasheet HTML 1Page - StarTech.com Ltd. CDP2HDMM1MH Datasheet HTML 2Page - StarTech.com Ltd. CDP2HDMM1MH Datasheet HTML 3Page - StarTech.com Ltd. CDP2HDMM1MH Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3ft (1m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video
Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
Product ID: CDP2HDMM1MH
This USB-C to HDMI cable lets you connect your USB Type-C (supporting DP Alt Mode) or Thunderbolt 3 device to
an HDMI display. The display cable supports High Dynamic Range (HDR10) and provides sharper images with
enhanced video.
With brighter colors and greater contrast, the video adapter cable is ideal for:
• Creating eye-catching visuals for photography, videography, cinematography
• Displaying crisp digital signage walls
• Delivering enriched presentations
The USB-C video converter cable is fully compatible with your HDMI 2.0b equipment, supporting resolutions up to 4K
60Hz (3840x2160) and bandwidths up to 18Gbps. The cable offers 4:4:4 chroma subsampling, so every pixel gets its
own unique color. It's also backward compatible with earlier versions of HDMI.
With HDR support, you can enjoy lifelike images with increased contrast, brightness and colors and greater
luminosity than standard digital imaging.
At 1m (3.3ft) in length, this cable cord delivers a direct connection that eliminates excess adapters and cabling,
ensuring a tidy, professional installation.
To ensure easy operation and installation, this USB-C to HDMI cable supports a seamless plug & play setup with any
OS, including macOS, Windows, Linux, Chrome and Android.
CDP2HDMM1MH is backed by a 3-year StarTech.com warranty and free lifetime technical support.
Notes:
• To achieve HDR, your USB-C port must support DisplayPort 1.4 and your display must support HDMI 2.0b


Similar Part No. - CDP2HDMM1MH

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2HDMM2MH STARTECH-CDP2HDMM2MH Datasheet
69Kb / 4P
6ft (2m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM3MH STARTECH-CDP2HDMM3MH Datasheet
98Kb / 4P
9.8ft (3m) USB C to HDMI Cable 4K 60Hz w/HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM4MH STARTECH-CDP2HDMM4MH Datasheet
98Kb / 4P
13ft (4m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
CDP2HDMM5MH STARTECH-CDP2HDMM5MH Datasheet
98Kb / 4P
16ft (5m) USB C to HDMI Cable 4K 60Hz w/ HDR10 - Ultra HD USB Type-C to 4K HDMI 2.0b Video Adapter Cable - USB-C to HDMI HDR Monitor/Display Converter - DP 1.4 Alt Mode HBR3
More results

Similar Description - CDP2HDMM1MH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
U444-06N-HDR-W TRIPPLITE-U444-06N-HDR-W Datasheet
158Kb / 3P
USB-C to HDMI 4K Adapter with HDR - M/F, USB 3.1, Thunderbolt 3 Compatible, 4K @ 60 Hz, White
U444-06N-HD4K6B TRIPPLITE-U444-06N-HD4K6B Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-2H-MST4K6 TRIPPLITE-U444-2H-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3H-MST TRIPPLITE-U444-3H-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz HDMI, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
logo
IOGEAR
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Chrontel, Inc.
CH7217A CHRONTEL-CH7217A Datasheet
221Kb / 9P
CH7217A USB Type-C DP Alt Mode to HDMI 2.0 Converter with PD 3.0 Controller
Rev 1.2 2022-12-30
CH7218A CHRONTEL-CH7218A Datasheet
226Kb / 10P
CH7218A USB-C and DP 1.4 to HDMI 2.1 Protocol Converter
Rev 1.4 2023-8-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com