Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR4002 Datasheet(PDF) 2 Page - Analog Devices

Part # ADAR4002
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 2 Page - Analog Devices

  ADAR4002 Datasheet HTML 1Page - Analog Devices ADAR4002 Datasheet HTML 2Page - Analog Devices ADAR4002 Datasheet HTML 3Page - Analog Devices ADAR4002 Datasheet HTML 4Page - Analog Devices ADAR4002 Datasheet HTML 5Page - Analog Devices ADAR4002 Datasheet HTML 6Page - Analog Devices ADAR4002 Datasheet HTML 7Page - Analog Devices ADAR4002 Datasheet HTML 8Page - Analog Devices ADAR4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Data Sheet
ADAR4002
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 66
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Timing Specifications......................................... 8
Timing Diagrams................................................ 8
SPI Block Write Mode...................................... 10
Short Control Command...................................10
Shift Register Mode.......................................... 11
Absolute Maximum Ratings.................................12
Thermal Resistance......................................... 12
Electrostatic Discharge (ESD) Ratings.............12
ESD Caution.....................................................12
Pin Configuration and Function Descriptions...... 13
Typical Performance Characteristics................... 14
Time Delay Sweep, Time Delay Range 0.........14
Time Delay Sweep, Time Delay Range 1.........16
DSA Attenuation Sweep, Time Delay Range
0..................................................................... 17
DSA Attenuation Sweep, Time Delay Range
1..................................................................... 18
DSA Sweeps.................................................... 19
TDU Sweeps.................................................... 23
Voltage Supply and Temperature Sweeps....... 26
Polar Plots........................................................28
Noise Figure.....................................................31
Compression and Linearity...............................33
Supply Current and Settling Time.................... 36
Equivalent Circuits...............................................37
Terminology......................................................... 38
Theory of Operation.............................................40
RF Path............................................................ 40
TDU and DSA...................................................40
Digital Section.................................................. 41
Digital Modes and Interface..............................41
SPI Transaction Protocols................................42
SPI Mode..........................................................42
Data Load.........................................................42
Update..............................................................42
Shift Register Mode..........................................43
SPI Registers................................................... 43
Applications Information...................................... 45
Basic Connections............................................45
Device Setup....................................................46
Digital Interface for Multiple Chip Operation.....46
Power Management Recommendations.......... 47
Logic Voltages Greater Than 1.2 V.................. 48
Register Map....................................................... 49
Outline Dimensions............................................. 66
Ordering Guide.................................................66
Evaluation Boards............................................ 66
REVISION HISTORY
6/2025—Revision A: Initial Version
...........................................................................................................................................................................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com